전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUC2G02 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74AUC2G02
상세설명  DUAL 2-INPUT POSITIVE-NOR GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G02 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AUC2G02_09 Datasheet HTML 1Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 2Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 3Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 4Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 5Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 6Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 7Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 8Page - Texas Instruments SN74AUC2G02_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
SN74AUC2G02
DUAL 2-INPUT POSITIVE-NOR GATE
SCES441C – MAY 2003 – REVISED JANUARY 2007
• Available in the Texas Instruments
• Low Power Consumption, 10 µA at 1.8 V
NanoFree™ Package
• ±8-mA Output Drive at 1.8 V
• Optimized for 1.8-V Operation and Is 3.6-V I/O
• Latch-Up Performance Exceeds 100 mA Per
Tolerant to Support Mixed-Mode Signal
JESD 78, Class II
Operation
• ESD Protection Exceeds JESD 22
• I
off Supports Partial Power-Down-Mode
2000-V Human-Body Model (A114-A)
Operation
200-V Machine Model (A115-A)
• Sub-1-V Operable
1000-V Charged-Device Model (C101)
• Max t
pd of 1.8 ns at 1.8 V
This dual 2-input positive-NOR gate is operational at 0.8-V to 2.7-V VCC, but is designed specifically for 1.65-V
to 1.95-V VCC operation.
The SN74AUC2G02 performs the Boolean function Y = A + B or Y = A
• B in positive logic.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74AUC2G02YZPR
_ _ _UB_
–40°C to 85°C
0.23-mm Large Bump – YZP (Pb-free)
SSOP – DCT
Reel of 3000
SN74AUC2G02DCTR
U02_
VSSOP – DCU
Reel of 3000
SN74AUC2G02DCUR
U02_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - SN74AUC2G02_09

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUC2G02DCTR TI-SN74AUC2G02DCTR Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02DCUR TI-SN74AUC2G02DCUR Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02YEPR TI-SN74AUC2G02YEPR Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02YZPR TI-SN74AUC2G02YZPR Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
More results

유사한 설명 - SN74AUC2G02_09

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
74LVC2G02 UTC-74LVC2G02 Datasheet
171Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G86 UTC-U74LVC2G86_15 Datasheet
199Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
74LVC2G02 UTC-74LVC2G02_15 Datasheet
165Kb / 5P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AUC2G02 TI-SN74AUC2G02 Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02 TI-SN74LVC2G02 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE NOR GATE
SN74LVC2G02DCURE4 TI-SN74LVC2G02DCURE4 Datasheet
822Kb / 15P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74LVC2G02-EP TI1-SN74LVC2G02-EP Datasheet
298Kb / 9P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
U74LVC2G00 UTC-U74LVC2G00_15 Datasheet
166Kb / 6P
   DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AUP2G02 TI1-SN74AUP2G02 Datasheet
740Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com