전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUC1GU04DBVRE4 데이터시트(PDF) 2 Page - Texas Instruments

부품명 74AUC1GU04DBVRE4
상세설명  SINGLE INVERTER GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74AUC1GU04DBVRE4 데이터시트(HTML) 2 Page - Texas Instruments

  74AUC1GU04DBVRE4 Datasheet HTML 1Page - Texas Instruments 74AUC1GU04DBVRE4 Datasheet HTML 2Page - Texas Instruments 74AUC1GU04DBVRE4 Datasheet HTML 3Page - Texas Instruments 74AUC1GU04DBVRE4 Datasheet HTML 4Page - Texas Instruments 74AUC1GU04DBVRE4 Datasheet HTML 5Page - Texas Instruments 74AUC1GU04DBVRE4 Datasheet HTML 6Page - Texas Instruments 74AUC1GU04DBVRE4 Datasheet HTML 7Page - Texas Instruments 74AUC1GU04DBVRE4 Datasheet HTML 8Page - Texas Instruments 74AUC1GU04DBVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.ti.com
A
Y
2
4
Absolute Maximum Ratings
(1)
SN74AUC1GU04
SINGLE INVERTER GATE
SCES371L – SEPTEMBER 2001 – REVISED APRIL 2007
FUNCTION TABLE
INPUT
OUTPUT
A
Y
H
L
L
H
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
3.6
V
VI
Input voltage range(2)
–0.5
3.6
V
VO
Output voltage range(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±100
mA
DBV package
206
DCK package
252
θ
JA
Package thermal impedance(3)
°C/W
DRY package
234
YZP package
132
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback


유사한 부품 번호 - 74AUC1GU04DBVRE4

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUC1G00 PHILIPS-74AUC1G00 Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
74AUC1G00GV PHILIPS-74AUC1G00GV Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
74AUC1G00GW PHILIPS-74AUC1G00GW Datasheet
50Kb / 12P
   Single 2-input NAND gate
2002 Nov 12
74AUC1G02 PHILIPS-74AUC1G02 Datasheet
50Kb / 12P
   Single 2-input NOR gate
2002 Nov 12
74AUC1G02GV PHILIPS-74AUC1G02GV Datasheet
50Kb / 12P
   Single 2-input NOR gate
2002 Nov 12
More results

유사한 설명 - 74AUC1GU04DBVRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com