전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G99DCTTG4 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74AUP1G99DCTTG4
상세설명  LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G99DCTTG4 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AUP1G99DCTTG4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G99DCTTG4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G99DCTTG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G99DCTTG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G99DCTTG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G99DCTTG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G99DCTTG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G99DCTTG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G99DCTTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
FEATURES
D
3
2
5
8
1
OE
VCC
A
GND
DCT PACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOM VIEW)
DCU PACKAGE
(TOP VIEW)
3
2
4
5
1
OE
VCC
Y
A
GND
A
GND
VCC
C
B
See mechanical drawings for dimensions.
2
5
3
4
8
B
D
C
B
Y
C
4
6
7
6
7
8
6
1
7
OE
D
Y
DESCRIPTION/ORDERING INFORMATION
AUP
LVC
AUP
AUP
LVC
Static-Power Consumption
(
µA)
Dynamic-Power Consumption
(pF)
Single, dual, and triple gates
3.3-V
Logic
3.3-V
Logic
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
45
Time − ns
† AUP1G08 data at C
L = 15 pF
Switching Characteristics
at 25 MHz
Output
Input
SN74AUP1G99
LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE
WITH 3-STATE OUTPUTS
SCES594C – JULY 2004 – REVISED DECEMBER 2007
www.ti.com
2
• Available in the Texas Instruments
• Wide Operating V
CC Range of 0.8 V to 3.6 V
NanoFree™ Package
• Optimized for 3.3-V Operation
• Low Static-Power Consumption
• 3.6-V I/O Tolerant to Support Mixed-Mode
(ICC = 0.9 µA Max)
Signal Operation
• Low Dynamic-Power Consumption
• t
pd = 7.4 ns Max at 3.3 V
(Cpd = 5 pF Typ at 3.3 V)
• Suitable for Point-to-Point Applications
• Low Input Capacitance (C
I = 1.5 pF)
• Latch-Up Performance Exceeds 100 mA Per
• Low Noise – Overshoot and Undershoot
JESD 78, Class II
<10% of VCC
• ESD Performance Tested Per JESD 22
• Input-Disable Feature Allows Floating Input
2000-V Human-Body Model
Conditions
(A114-B, Class II)
• I
off Supports Partial-Power-Down Mode
200-V Machine Model (A115-A)
Operation
1000-V Charged-Device Model (C101)
• Includes Schmitt-Trigger Inputs
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static- and dynamic-power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity (see
Figures 1 and 2).
xxxxxx
Figure 1. AUP - The Lowest-Power Family
Figure 2. Excellent Signal Integrity
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - SN74AUP1G99DCTTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G99DCTT TI-SN74AUP1G99DCTT Datasheet
320Kb / 19P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AUP1G99DCTTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G99 TI-SN74AUP1G99 Datasheet
320Kb / 19P
[Old version datasheet]   LOW-POWER ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
SN74LVC1G99 TI-SN74LVC1G99 Datasheet
399Kb / 18P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LVC1G99 NEXPERIA-74LVC1G99 Datasheet
334Kb / 25P
   Ultra-configurable multiple function gate; 3-state
Rev. 11 - 25 July 2019
logo
NXP Semiconductors
74LVC1G99 NXP-74LVC1G99 Datasheet
137Kb / 26P
   Ultra-configurable multiple function gate; 3-state
Rev. 01-3 January 2008
74LVC1G99 NXP-74LVC1G99_10 Datasheet
245Kb / 29P
   Ultra-configurable multiple function gate; 3-state
Rev. 04-16 April 2010
logo
Texas Instruments
SN74LVC1G99-Q1 TI1-SN74LVC1G99-Q1 Datasheet
478Kb / 17P
[Old version datasheet]   ULTRA-CONFIGURABLE MULTIPLE-FUNCTION GATE WITH 3-STATE OUTPUT
SN74LVC1G99 TI1-SN74LVC1G99_18 Datasheet
1,007Kb / 25P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_16 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74LVC1G99 TI1-SN74LVC1G99_15 Datasheet
954Kb / 24P
[Old version datasheet]   Ultra-Configurable Multiple-Function Gate With 3-State Output
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com