전자부품 데이터시트 검색엔진 |
|
SN74AVC2T45DCTTE4 데이터시트(PDF) 3 Page - Texas Instruments |
|
SN74AVC2T45DCTTE4 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 24 page www.ti.com Absolute Maximum Ratings (1) SN74AVC2T45 DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES531J – DECEMBER 2003 – REVISED JUNE 2007 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCCA Supply voltage range –0.5 4.6 V VCCB I/O ports (A port) –0.5 4.6 VI Input voltage range(2) I/O ports (B port) –0.5 4.6 V Control inputs –0.5 4.6 A port –0.5 4.6 Voltage range applied to any output in the high-impedance or VO V power-off state(2) B port –0.5 4.6 A port –0.5 VCCA + 0.5 VO Voltage range applied to any output in the high or low state(2)(3) V B port –0.5 VCCB + 0.5 IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±50 mA Continuous current through VCCA, VCCB, or GND ±100 mA DCT package 220 θJA Package thermal impedance(4) DCU package 227 °C/W YZP package 102 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) The output positive-voltage rating may be exceeded up to 4.6 V maximum if the output current ratings are observed. (4) The package thermal impedance is calculated in accordance with JESD 51-7. 3 Submit Documentation Feedback |
유사한 부품 번호 - SN74AVC2T45DCTTE4 |
|
유사한 설명 - SN74AVC2T45DCTTE4 |