전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N4403-BP 데이터시트(PDF) 1 Page - Micro Commercial Components

부품명 2N4403-BP
상세설명  PNP General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N4403-BP 데이터시트(HTML) 1 Page - Micro Commercial Components

  2N4403-BP Datasheet HTML 1Page - Micro Commercial Components 2N4403-BP Datasheet HTML 2Page - Micro Commercial Components 2N4403-BP Datasheet HTML 3Page - Micro Commercial Components 2N4403-BP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N4403
PNP General
Purpose Amplifier
TO-92
Features
Through Hole Package
Capable of 600mWatts of Power Dissipation
Electrical Characteristics @ 25°C Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=-1.0mAdc, IB=0)
-40
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-10
µAdc, IE=0)
-40
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=-10
µAdc, IC=0)
-5.0
Vdc
IBL
Base Cutoff Current
(VCE=-30Vdc, VBE=-3.0Vdc)
-0.1
µAdc
ICEX
Collector Cutoff Current
(VCE=-30Vdc, VBE=-3.0Vdc)
-0.1
µAdc
ON CHARACTERISTICS
hFE
DC Current Gain*
(IC=-0.1mAdc, VCE=-1.0Vdc)
(IC=-1.0mAdc, VCE=-1.0Vdc)
(IC=-10mAdc, VCE=-1.0Vdc)
(IC=-150mAdc, VCE=-2.0Vdc)
(IC=-500mAdc, VCE=-2.0Vdc)
30
60
100
100
300
20
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-150mAdc, IB=-15mAdc)
(IC=-500mAdc, IB=-50mAdc)
-0.4
-0.75
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=-150mAdc, IB=-15mAdc)
(IC=-500mAdc, IB=-50mAdc)
-0.75
-0.95
-1.30
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current Gain-Bandwidth Product
(IC=-20mAdc, VCE=-10Vdc, f=100MHz)
200
MHz
Ccb
Output Capacitance
(VCB=-10Vdc, IE=0, f=140kHz)
8.5
pF
Ceb
Input Capacitance
(VEB=-0.5Vdc, IC=0, f=140kHz)
30.0
pF
SWITCHING CHARACTERISTICS
td
Delay Time
(VCC=-3.0Vdc, VBE=-2.0Vdc
15
ns
tr
Rise Time
IC=-150mAdc, IB1=-15mAdc)
20
ns
ts
Storage Time
(VCC=-3.0Vdc, IC=-150mAdc
225
ns
tf
Fall Time
IB1=IB2=-15mAdc)
30
ns
*Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
CB
E
A
E
B
C
D
G
Revision: 6
2008/02/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.010
.104
2.44
2.64
TM
Micro Commercial Components
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL rating 1
Marking:Type number
www.mccsemi.com
1 of 4
Lead Free Finish/Rohs Compliant ("P"Suffix designates
Compliant. See ordering information)


유사한 부품 번호 - 2N4403-BP

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2N4403-T92-B UTC-2N4403-T92-B Datasheet
108Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
2N4403-T92-B UTC-2N4403-T92-B Datasheet
174Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
2N4403-T92-K UTC-2N4403-T92-K Datasheet
108Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
2N4403-T92-K UTC-2N4403-T92-K Datasheet
174Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
More results

유사한 설명 - 2N4403-BP

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com