전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVCH4T245PWTG4 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 74AVCH4T245PWTG4
상세설명  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74AVCH4T245PWTG4 데이터시트(HTML) 6 Page - Texas Instruments

Back Button 74AVCH4T245PWTG4 Datasheet HTML 2Page - Texas Instruments 74AVCH4T245PWTG4 Datasheet HTML 3Page - Texas Instruments 74AVCH4T245PWTG4 Datasheet HTML 4Page - Texas Instruments 74AVCH4T245PWTG4 Datasheet HTML 5Page - Texas Instruments 74AVCH4T245PWTG4 Datasheet HTML 6Page - Texas Instruments 74AVCH4T245PWTG4 Datasheet HTML 7Page - Texas Instruments 74AVCH4T245PWTG4 Datasheet HTML 8Page - Texas Instruments 74AVCH4T245PWTG4 Datasheet HTML 9Page - Texas Instruments 74AVCH4T245PWTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
Electrical Characteristics
(1) (2)
Switching Characteristics
SN74AVCH4T245
4-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES577D – JUNE 2004 – REVISED JUNE 2007
over recommended operating free-air temperature range (unless otherwise noted) (continued)
TA = 25°C
–40
°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP MAX
MIN
MAX
A port
0 V
0 V to 3.6 V
±0.1
±1
±5
Ioff
VI or VO = 0 to 3.6 V
μA
B port
0 V to 3.6 V
0 V
±0.1
±1
±5
VO = VCCO or
A or B port
GND,
OE = VIH
3.6 V
3.6 V
±0.5 ±2.5
±5
VI = VCCI or GND
IOZ
(3)
μA
B port
VO = VCCO or
OE =
0 V
3.6 V
±5
GND,
don't
A port
3.6 V
0 V
±5
VI = VCCI or GND
care
1.2 V to 3.6 V
1.2 V to 3.6 V
8
ICCA
VI = VCCI or GND,
IO = 0
0 V
3.6 V
–2
μA
3.6 V
0 V
8
1.2 V to 3.6 V
1.2 V to 3.6 V
8
ICCB
VI = VCCI or GND,
IO = 0
0 V
3.6 V
8
μA
3.6 V
0 V
–2
ICCA + ICCB
VI = VCCI or GND,
IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
16
μA
Control
Ci
VI = 3.3 V or GND
3.3 V
3.3 V
3.5
4.5
pF
inputs
Cio
A or B port
VO = 3.3 V or GND
3.3 V
3.3 V
6
7
pF
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
over recommended operating free-air temperature range, VCCA = 1.2 V (see Figure 1)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
tPLH
3.4
2.9
2.7
2.6
2.8
A
B
ns
tPHL
3.4
2.9
2.7
2.6
2.8
tPLH
3.6
3.1
2.8
2.6
2.6
B
A
ns
tPHL
3.6
3.1
2.8
2.6
2.6
tPZH
5.6
4.7
4.3
3.9
3.7
OE
A
ns
tPZL
5.6
4.7
4.3
3.9
3.7
tPZH
5
4.3
3.9
3.6
3.6
OE
B
ns
tPZL
5
4.3
3.9
3.6
3.6
tPHZ
6.2
5.2
5.2
4.3
4.8
OE
A
ns
tPLZ
6.2
5.2
5.2
4.3
4.8
tPHZ
5.9
5.1
5
4.7
5.5
OE
B
ns
tPLZ
5.9
5.1
5
4.7
5.5
6
Submit Documentation Feedback


유사한 부품 번호 - 74AVCH4T245PWTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AVCH4T245PWTG4 TI-74AVCH4T245PWTG4 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH4T245PWTG4 TI1-74AVCH4T245PWTG4 Datasheet
1Mb / 37P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver
74AVCH4T245PWTG4 TI1-74AVCH4T245PWTG4 Datasheet
1Mb / 38P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver With Configurable Level-Shifting, Voltage Translation, and 3-State Outputs
More results

유사한 설명 - 74AVCH4T245PWTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_07 Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
842Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_10 Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245 Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_08 Datasheet
881Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com