전자부품 데이터시트 검색엔진 |
|
74LVC1G125DCKTG4 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
74LVC1G125DCKTG4 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 19 page www.ti.com Absolute Maximum Ratings (1) SN74LVC1G125 SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT SCES223O – APRIL 1999 – REVISED FEBRUARY 2007 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 6.5 V VI Input voltage range(2) –0.5 6.5 V VO Voltage range applied to any output in the high-impedance or power-off state(2) –0.5 6.5 V VO Voltage range applied to any output in the high or low state(2)(3) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±50 mA Continuous current through VCC or GND ±100 mA DBV package 206 DCK package 252 θ JA Package thermal impedance(4) DRL package 142 °C/W DRY package 234 YZP package 132 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed. (3) The value of VCC is provided in the recommended operating conditions table. (4) The package thermal impedance is calculated in accordance with JESD 51-7. 3 Submit Documentation Feedback |
유사한 부품 번호 - 74LVC1G125DCKTG4 |
|
유사한 설명 - 74LVC1G125DCKTG4 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |