전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM26LV31E 데이터시트(PDF) 5 Page - Texas Instruments

부품명 AM26LV31E
상세설명  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

AM26LV31E 데이터시트(HTML) 5 Page - Texas Instruments

  AM26LV31E_10 Datasheet HTML 1Page - Texas Instruments AM26LV31E_10 Datasheet HTML 2Page - Texas Instruments AM26LV31E_10 Datasheet HTML 3Page - Texas Instruments AM26LV31E_10 Datasheet HTML 4Page - Texas Instruments AM26LV31E_10 Datasheet HTML 5Page - Texas Instruments AM26LV31E_10 Datasheet HTML 6Page - Texas Instruments AM26LV31E_10 Datasheet HTML 7Page - Texas Instruments AM26LV31E_10 Datasheet HTML 8Page - Texas Instruments AM26LV31E_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SWITCHING CHARACTERISTICS
ESD PROTECTION
AM26LV31E
www.ti.com............................................................................................................................................................... SLLS848A – APRIL 2008 – REVISED MAY 2008
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPHL
Propagation delay time, high- to low-level output
4
8
12
ns
See Figure 2
tPLH
Propagation delay time, low- to high-level output
4
8
12
ns
tt
Transition time (tr or tf)
See Figure 2
5
10
ns
tPZH
Output-enable time to high level
See Figure 3
10
20
ns
tPZL
Output-enable time to low level
See Figure 4
10
20
ns
tPHZ
Output-disable time from high level
See Figure 3
10
20
ns
tPLZ
Output-disable time from low level
See Figure 4
10
20
ns
tsk(p)
Pulse skew
0.5
1.5
ns
tsk(o)
Skew limit (pin to pin)
See Figure 2(2)(3)
1.5
ns
tsk(lim)
Skew limit (device to device)
3
ns
f(max)
Maximum operating frequency
See Figure 2
32
MHz
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
Pulse skew is defined as the |tPLH – tPHL| of each channel of the same device.
(3)
Skew limit (device to device) is the maximum difference in propagation delay times between any two channels of any two devices.
PARAMETER
TEST CONDITIONS
TYP
UNIT
HBM
±15
Driver output
IEC61000-4-2, Air-Gap Discharge
±15
kV
IEC61000-4-2, Contact Discharge
±8
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): AM26LV31E


유사한 부품 번호 - AM26LV31E_10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM26LV31E-EP TI-AM26LV31E-EP Datasheet
353Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31EIDR TI-AM26LV31EIDR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31EINSR TI-AM26LV31EINSR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31EIPWR TI-AM26LV31EIPWR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31EIRGYR TI-AM26LV31EIRGYR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
More results

유사한 설명 - AM26LV31E_10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AM26LV31E TI-AM26LV31E Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E-EP TI-AM26LV31E-EP Datasheet
353Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E TI-AM26LV32E_10 Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E TI-AM26LV32E Datasheet
753Kb / 17P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E-EP TI-AM26LV32E-EP Datasheet
326Kb / 11P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
SN65C1167E TI-SN65C1167E Datasheet
741Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS WITH 짹15-kV ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com