전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB1545FCT 데이터시트(PDF) 1 Page - Gulf Semiconductor

부품명 SB1545FCT
상세설명  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 150A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GULFSEMI [Gulf Semiconductor]
홈페이지  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB1545FCT 데이터시트(HTML) 1 Page - Gulf Semiconductor

  SB1545FCT Datasheet HTML 1Page - Gulf Semiconductor SB1545FCT Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SB1545FCT
SCHOTTKY BARRIER
RECTIFIER
VOLTAGE: 45V
CURRENT: 150A
FEATURE
ITO-220AB
High current capability, Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: Common Cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SB1545FCT
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
45
V
Maximum RMS Voltage
Vrms
31.5
V
Maximum DC blocking Voltage
Vdc
45
V
Maximum Average Forward Rectified
Current at Tc=105°C
If(av)
15
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
150
A
Maximum Forward Voltage at 15A
Vf
0.84
V
Maximum DC Reverse Current
Ta =25°C
at rated DC blocking voltage
Ta =125°C
Ir
0.1
15.0
mA
Typical Thermal Resistance
(Note 1)
Rθ(jc)
5.0
°C/W
Operating Junction Temperature Ramge
Tj
-65 to +150
°C
Storage Temperature Ramge
Tstg
-65 to +175
°C
Note:
1.Thermal Resistance from Junction to Case


유사한 부품 번호 - SB1545FCT

제조업체부품명데이터시트상세설명
logo
Semikron International
SB1545 SEMIKRON-SB1545 Datasheet
161Kb / 3P
   Schottky barrier rectifier diodes
logo
Sirectifier Global Corp...
SB1545 SIRECT-SB1545 Datasheet
184Kb / 3P
   Power Schottky Rectifier - 15Amp 45~200Volt
logo
Leshan Radio Company
SB1545 LRC-SB1545 Datasheet
356Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
logo
First Silicon Co., Ltd
SB1545 FS-SB1545 Datasheet
307Kb / 2P
   45V 15 Amp Shottky Barrier Rectifier
logo
Gulf Semiconductor
SB1545CT GULFSEMI-SB1545CT Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A
More results

유사한 설명 - SB1545FCT

제조업체부품명데이터시트상세설명
logo
Gulf Semiconductor
SB1645FCT GULFSEMI-SB1645FCT Datasheet
128Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 16.0A
SB345S GULFSEMI-SB345S Datasheet
105Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
SB2045FCT GULFSEMI-SB2045FCT Datasheet
115Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
SB2045CT GULFSEMI-SB2045CT Datasheet
115Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
SB1545CT GULFSEMI-SB1545CT Datasheet
122Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A
SB1045CT GULFSEMI-SB1045CT Datasheet
106Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 10.0A
SB3045CT GULFSEMI-SB3045CT Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 30.0A
SB345-A GULFSEMI-SB345-A Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
logo
GOOD-ARK Electronics
SGC1545S GOOD-ARK-SGC1545S_15 Datasheet
250Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1045S GOOD-ARK-SGC1045S_15 Datasheet
213Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com