전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVT16245BDGVRG4 데이터시트(PDF) 7 Page - Texas Instruments

부품명 74LVT16245BDGVRG4
상세설명  3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74LVT16245BDGVRG4 데이터시트(HTML) 7 Page - Texas Instruments

Back Button 74LVT16245BDGVRG4 Datasheet HTML 3Page - Texas Instruments 74LVT16245BDGVRG4 Datasheet HTML 4Page - Texas Instruments 74LVT16245BDGVRG4 Datasheet HTML 5Page - Texas Instruments 74LVT16245BDGVRG4 Datasheet HTML 6Page - Texas Instruments 74LVT16245BDGVRG4 Datasheet HTML 7Page - Texas Instruments 74LVT16245BDGVRG4 Datasheet HTML 8Page - Texas Instruments 74LVT16245BDGVRG4 Datasheet HTML 9Page - Texas Instruments 74LVT16245BDGVRG4 Datasheet HTML 10Page - Texas Instruments 74LVT16245BDGVRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
Switching Characteristics
SN54LVT16245B
,, SN74LVT16245B
3.3-V ABT 16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS715E – FEBRUARY 2000 – REVISED NOVEMBER 2006
over recommended operating free-air temperature range, C
L = 50 pF (unless otherwise noted) (see Figure 1)
SN54LVT16245B(1)
SN74LVT16245B
FROM
TO
VCC = 3.3 V
VCC = 3.3 V
PARAMETER
VCC = 2.7 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
± 0.3 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN TYP(2) MAX
MIN MAX
tPLH
0.5
4.5
4.6
1.5
2.3
3.3
3.7
A or B
B or A
ns
tPHL
0.5
4.4
3.9
1.3
2.1
3.3
3.5
tPZH
0.5
6.5
6.6
1.5
2.8
4.5
5.3
OE
A or B
ns
tPZL
0.5
5.4
6.2
1.6
2.9
4.6
5.2
tPHZ
1
6.8
7
2.3
3.7
5.1
5.5
OE
A or B
ns
tPLZ
1
6.2
6.3
2.2
3.5
5.1
5.4
tsk(LH)
0.5
ns
tsk(HL)
0.5
(1)
Product preview
(2)
All typical values are at VCC = 3.3 V, TA = 25°C.
7
Submit Documentation Feedback


유사한 부품 번호 - 74LVT16245BDGVRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74LVT16245BDGVRE4 TI-74LVT16245BDGVRE4 Datasheet
603Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVT16245BDGVRE4 TI-74LVT16245BDGVRE4 Datasheet
633Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74LVT16245BDGVRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54LVTH16245A TI-SN54LVTH16245A_09 Datasheet
660Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_08 Datasheet
653Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16646 TI-SN54LVT16646 Datasheet
177Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16245B TI-SN54LVT16245B_08 Datasheet
633Kb / 20P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI1-SN54LVTH16245A_14 Datasheet
1Mb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A_06 Datasheet
487Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVH162245 TI-SN54LVH162245 Datasheet
115Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH162245 TI-SN54LVTH162245 Datasheet
467Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A_08 Datasheet
610Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com