전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G98DCKTG4 데이터시트(PDF) 8 Page - Texas Instruments

부품명 SN74AUP1G98DCKTG4
상세설명  LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G98DCKTG4 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74AUP1G98DCKTG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G98DCKTG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G98DCKTG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G98DCKTG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G98DCKTG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G98DCKTG4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G98DCKTG4 Datasheet HTML 10Page - Texas Instruments SN74AUP1G98DCKTG4 Datasheet HTML 11Page - Texas Instruments SN74AUP1G98DCKTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SN74AUP1G98
SCES506H – NOVEMBER 2003 – REVISED MAY 2010
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 10 and Figure 11)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
22.2
1.2 V ± 0.1 V
2.7
9.1
13.6
2.2
17
1.5 V ± 0.1 V
2
6.4
9.2
1.5
11.1
tpd
A, B, or C
Y
ns
1.8 V ± 0.15 V
1.4
5.2
7.2
0.9
8.9
2.5 V ± 0.2 V
1.2
3.8
5.3
0.7
6.3
3.3 V ± 0.3 V
1
3.1
4.5
0.5
5.3
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 10 and Figure 11)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
25.4
1.2 V ± 0.1 V
5.2
10.4
15.4
4.7
19
1.5 V ± 0.1 V
4
7.4
10.5
3.5
12.6
tpd
A, B, or C
Y
ns
1.8 V ± 0.15 V
3.1
6
8.3
2.6
10.2
2.5 V ± 0.2 V
2.7
4.5
6.1
2.2
7.3
3.3 V ± 0.3 V
2.5
3.7
5
2
6
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 10 and Figure 11)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
28.7
1.2 V ± 0.1 V
3.7
11.5
17
3.2
21.1
1.5 V ± 0.1 V
2.8
8.3
11.6
2.3
14
tpd
A, B, or C
Y
ns
1.8 V ± 0.15 V
2.1
6.7
9.2
1.6
11.3
2.5 V ± 0.2 V
1.8
5
6.7
1.3
8.1
3.3 V ± 0.3 V
1.6
4.1
5.5
1.1
6.6
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 10 and Figure 11)
TA = –40°C
TA = 25°C
FROM
TO
to 85°C
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
39.7
1.2 V ± 0.1 V
5.1
15.3
21.6
4.6
26.8
1.5 V ± 0.1 V
3.9
10.9
14.6
3.4
17.6
tpd
A, B, or C
Y
ns
1.8 V ± 0.15 V
3.1
8.9
11.5
2.6
14.1
2.5 V ± 0.2 V
2.6
6.7
8.4
2.1
10.1
3.3 V ± 0.3 V
2.3
5.5
6.9
1.8
8.3
8
Submit Documentation Feedback
Copyright © 2003–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G98


유사한 부품 번호 - SN74AUP1G98DCKTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G98DCKT TI-SN74AUP1G98DCKT Datasheet
326Kb / 16P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

유사한 설명 - SN74AUP1G98DCKTG4

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com