전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF2004A 데이터시트(PDF) 2 Page - Gulf Semiconductor

부품명 UF2004A
상세설명  ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?2.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GULFSEMI [Gulf Semiconductor]
홈페이지  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UF2004A 데이터시트(HTML) 2 Page - Gulf Semiconductor

  UF2004A Datasheet HTML 1Page - Gulf Semiconductor UF2004A Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
RATINGS AND CHARACTERISTIC CURVES
UF2004A
1 Rev.A1
www.gulfsemi.com


유사한 부품 번호 - UF2004A

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
UF2004 DIODES-UF2004 Datasheet
62Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. A1-2
logo
Shenzhen Yixinwei Techn...
UF2004 YIXIN-UF2004 Datasheet
209Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
UF2004 DIODES-UF2004 Datasheet
95Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 3 - 2
logo
HY ELECTRONIC CORP.
UF2004 HY-UF2004 Datasheet
413Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
logo
Compact Technology Corp...
UF2004 CTC-UF2004 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS
More results

유사한 설명 - UF2004A

제조업체부품명데이터시트상세설명
logo
Gulf Semiconductor
BYV27-400 GULFSEMI-BYV27-400 Datasheet
103Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT SILICON RECTIFIER VOLTAGE竊?00V CURRENT竊?2.0A
31GF2 GULFSEMI-31GF2 Datasheet
156Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF4 GULFSEMI-31GF4 Datasheet
79Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6 GULFSEMI-31GF6 Datasheet
193Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6A GULFSEMI-31GF6A Datasheet
160Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
1R5GU41 GULFSEMI-1R5GU41 Datasheet
106Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?.5A
31GF7 GULFSEMI-31GF7 Datasheet
193Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
RL3JG GULFSEMI-RL3JG Datasheet
59Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?600V CURRENT竊?2.0A
MURS260-A GULFSEMI-MURS260-A Datasheet
99Kb / 2P
   SURFACE MOUNT ULTRAFAST GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?2.0A
BYW95BG GULFSEMI-BYW95BG Datasheet
100Kb / 2P
   FAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com