전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UGRP12D 데이터시트(PDF) 1 Page - Gulf Semiconductor

부품명 UGRP12D
상세설명  Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:12.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GULFSEMI [Gulf Semiconductor]
홈페이지  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UGRP12D 데이터시트(HTML) 1 Page - Gulf Semiconductor

  UGRP12D Datasheet HTML 1Page - Gulf Semiconductor UGRP12D Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
UGRP12D
Ultra fast Plastic Power Rectifiers
VOLTAGE: 200V
CURRENT:12.0A
FEATURE
ITO-220AB
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideally suited for use in very high frequency switching
power supplies, inverters and as free wheeling diodes
• Ultra fast recovery time for high efficiency
• Excellent high temperature switching
• Glass passivated junction
•High voltage and high reliability
• High speed switching
• Low forward voltage
MECHANICAL DATA
Case: JEDEC ITO-220AB molded plastic body over
passivated chip
Terminals: Plated Insert leads, solderable per
MIL-STD-750, Method 2026
Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
UGRP12D
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
200
V
Maximum RMS Voltage
Vrms
140
V
Maximum DC blocking Voltage
Vdc
200
V
Maximum Average Forward Rectified
at Tc =100
°C
If(av)
12.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
80
A
Maximum Forward Voltage at Forward
Current at 6A per leg
Vf
1.15
V
Maximum Reverse Recovery Time
(Note 1)
Trr
20
nS
Typical thermal resistance junction to case
RθJc
5.0
°C/W
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
10
100
µA
µA
Storage and Operating Temperature Range
Tstg, Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A


유사한 부품 번호 - UGRP12D

제조업체부품명데이터시트상세설명
logo
Gulf Semiconductor
UGRP10D GULFSEMI-UGRP10D Datasheet
88Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:10.0A
UGRP10F GULFSEMI-UGRP10F Datasheet
73Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 300V CURRENT:10.0A
UGRP16D GULFSEMI-UGRP16D Datasheet
186Kb / 2P
   Ultra fast Plastic Power Rectifiers
More results

유사한 설명 - UGRP12D

제조업체부품명데이터시트상세설명
logo
Gulf Semiconductor
UERA12D GULFSEMI-UERA12D Datasheet
77Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:12.0A
UESP12J GULFSEMI-UESP12J Datasheet
115Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:12.0A
UGSA12J GULFSEMI-UGSA12J Datasheet
92Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:12.0A
RGSP12W GULFSEMI-RGSP12W Datasheet
96Kb / 2P
   Fast Plastic Power Rectifiers VOLTAGE: 1500V CURRENT:12.0A
UGSA08D GULFSEMI-UGSA08D Datasheet
126Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 8.0A
UESP08D GULFSEMI-UESP08D Datasheet
110Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:8.0A
UGRA16D GULFSEMI-UGRA16D Datasheet
177Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 16.0A
UGRB16D GULFSEMI-UGRB16D Datasheet
207Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 16.0A
FERA10D GULFSEMI-FERA10D Datasheet
89Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:10.0A
FMX-05D GULFSEMI-FMX-05D Datasheet
68Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com