전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74VMEH22501DGG 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74VMEH22501DGG
상세설명  8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74VMEH22501DGG 데이터시트(HTML) 3 Page - Texas Instruments

  SN74VMEH22501DGG Datasheet HTML 1Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 2Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 3Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 4Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 5Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 6Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 7Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 8Page - Texas Instruments SN74VMEH22501DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
SN74VMEH22501
www.ti.com
SCES357F – JULY 2001 – REVISED FEBRUARY 2010
GQL OR ZQL PACKAGE
(TOP VIEW)
TERMINAL ASSIGNMENTS(1)
1
2
3
4
5
6
A
1OEBY
NC
NC
NC
NC
1OEAB
B
1Y
1A
GND
GND
VCC
1B
C
2Y
2A
VCC
VCC
BIAS VCC
2B
D
3A1
2OEBY
GND
GND
2OEAB
3B1
E
3A2
LE
VCC
3B2
F
3A3
OE
VCC
3B3
G
3A4
CLKBA
GND
GND
CLKAB
3B4
H
3A5
3A6
VCC
VCC
3B6
3B5
J
3A7
3A8
GND
GND
3B8
3B7
K
DIR
NC
NC
NC
NC
VCC
(1)
NC - No internal connection
Copyright © 2001–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74VMEH22501


유사한 부품 번호 - SN74VMEH22501DGG

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74VMEH22501DGGR TI-SN74VMEH22501DGGR Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
More results

유사한 설명 - SN74VMEH22501DGG

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501 Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com