전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R05K15 데이터시트(PDF) 3 Page - Recom International Power

부품명 R05K15
상세설명  EUROLINE - DC/DC - CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECOM [Recom International Power]
홈페이지  http://www.recom-international.com
Logo RECOM - Recom International Power

R05K15 데이터시트(HTML) 3 Page - Recom International Power

  R05K15 Datasheet HTML 1Page - Recom International Power R05K15 Datasheet HTML 2Page - Recom International Power R05K15 Datasheet HTML 3Page - Recom International Power R05K15 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EU 18
www.recom-international.com
EUROLINE - DC/DC-Converter
RxxG/H and RxxJ/K Series, 1 Watt, DIP14/SIP7, 3kVDC Isolated (Single & Dual Output)
Typical Characteristics, Tolerance Envelope and Temperature Derating Graph
R012G/H/J/Kxx Dual Output Types
R05G/H/J/Kxx Single Output Types
Tolerance Envelope
Temperature Derating Graph
R05G/H/J/Kxx Dual Output Types
100
Total Output Current (%)
40
60
80
100
20
40
60
80
20
0
0509, 0512
0515
0505
–10
Total Output Current (%)
–5
0
+10
+15
40
60
80
20
0
100
+5
0505
0512
0509
0515
Total Output Current (%)
40
60
80
100
20
40
60
80
20
0
100
1209, 1215
1212
1205
Total Output Current (%)
–5
0
+10
+15
40
60
80
20
0
100
+5
-10
1212
1209
1205
Total Output Current (%)
40
60
80
100
20
40
60
80
20
0
100
1212, 1215
1205
1209
Total Output Current (%)
-4
0
+12
+16
40
60
80
20
0
100
+8
-8
+4
1205
1212
1209
1215
R012G/H/J/Kxx Single Output Types
Ambient Temperature ˚C
0.5
100
50
0
-40
85 120
150
0
2.0
1.5
1.0
Safe
Operating Area
+10%
+5%
V Nom.
+2,5%
– 2,5%
10%
50%
100%
Output Load Current (%)
– 7,5%
Typical Load L
ine
100
Total Output Current (%)
40
60
80
100
20
40
60
80
20
0
0509
0512
0505
Total Output Current (%)
40
60
80
20
0
100
0509
–10
-5
+10
+15
0
+20
+5
0515
0505
0512
1215


유사한 부품 번호 - R05K15

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
R05 ETC2-R05 Datasheet
616Kb / 2P
   Miniature Circular Connectors
logo
Recom International Pow...
R05-100B RECOM-R05-100B Datasheet
90Kb / 3P
   High Output Voltage DIP24 converter
logo
Ohmite Mfg. Co.
R05-1R OHMITE-R05-1R Datasheet
798Kb / 2P
   35 Watts TO-220 High Power Resistors
logo
Magnetrol International...
R05-510A-330 MAGNETROL-R05-510A-330 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
logo
List of Unclassifed Man...
R05-CR1 ETC-R05-CR1 Datasheet
1Mb / 8P
   Miniature Circular Connectors
More results

유사한 설명 - R05K15

제조업체부품명데이터시트상세설명
logo
Recom International Pow...
R05N05 RECOM-R05N05 Datasheet
97Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05SDH05 RECOM-R05SDH05 Datasheet
124Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R05A05 RECOM-R05A05 Datasheet
104Kb / 3P
   EUROLINE- DC/DC - CONVERTER
R05C05 RECOM-R05C05 Datasheet
99Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05SS05 RECOM-R05SS05 Datasheet
119Kb / 3P
   EUROLINE - DC/DC - CONVERTER
RXXT0503 RECOM-RXXT0503 Datasheet
114Kb / 3P
   EUROLINE - DC/DC - CONVERTER
R05105 RECOM-R05105 Datasheet
86Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R05V05 RECOM-R05V05 Datasheet
99Kb / 2P
   EUROLINE - DC/DC - CONVERTER
R12P3.3D RECOM-R12P3.3D Datasheet
90Kb / 2P
   EUROLINE DC/DC-Converter
R05SD05 RECOM-R05SD05 Datasheet
87Kb / 2P
   EUROLINE - DC/DC - CONVERTER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com