전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-47409.MP8B 데이터시트(PDF) 5 Page - QT Optoelectronics

부품명 HLMP-47409.MP8B
상세설명  PCB MOUNT LED INDICATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  QT [QT Optoelectronics]
홈페이지  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

HLMP-47409.MP8B 데이터시트(HTML) 5 Page - QT Optoelectronics

  HLMP-47409.MP8B Datasheet HTML 1Page - QT Optoelectronics HLMP-47409.MP8B Datasheet HTML 2Page - QT Optoelectronics HLMP-47409.MP8B Datasheet HTML 3Page - QT Optoelectronics HLMP-47409.MP8B Datasheet HTML 4Page - QT Optoelectronics HLMP-47409.MP8B Datasheet HTML 5Page - QT Optoelectronics HLMP-47409.MP8B Datasheet HTML 6Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PCB MOUNT LED INDICATORS
Page 5 of 6
@
DIM A
PKG.
PART NUMBER
COLOR
VF
mcd
mA
in.
(mm) FIG.
MV60538.MP8
RED
1.7
2.0
20
.140
(3.56)
8
MV63538.MP8
YLW
2.1
18.0
20
.140
(3.56)
8
MV64538.MP8
GRN
2.2
26.0
20
.140
(3.56)
8
MV67538.MP8
H-E RED
2.1
14.0
20
.140
(3.56)
8
MV60539.MP8
RED
1.7
3.2
20
.195
(4.95)
8
MV63539.MP8
YLW
2.1
20.0
20
.195
(4.95)
8
MV64539.MP8
GRN
2.2
28.0
20
.195
(4.95)
8
MV67539.MP8
H-E RED
2.1
15.0
20
.195
(4.95)
8
LOW CURRENT (2mA)
HLMP-47009.MP8
H-E RED
1.8
2.0
2
.195
(4.95)
8
HLMP-47199.MP8
YLW
1.9
2.0
2
.195
(4.95)
8
HLMP-47409.MP8
GRN
1.9
3.0
2
.195
(4.95)
8
ULTRA BRIGHT
MV33509.MP8
YLW*
2.2
150.0
20
.195
(4.95)
8
MV34509.MP8
GRN*
2.2
150.0
20
.195
(4.95)
8
MV37509.MP8
H-E RED*
2.2
150.0
20
.195
(4.95)
8
INTEGRAL RESISTOR
MR30509.MP8
RED
5.0
2.0
13
.195
(4.95)
8
MR30519.MP8
RED
12.0
2.0
13
.195
(4.95)
8
MR33509.MP8
YLW
5.0
4.0
10
.195
(4.95)
8
MR33519.MP8
YLW
12.0
4.0
13
.195
(4.95)
8
MR34509.MP8
GRN
5.0
4.0
12
.195
(4.95)
8
MR34519.MP8
GRN
12.0
4.0
13
.195
(4.95)
8
MR37509.MP8
H-E RED
5.0
4.0
10
.195
(4.95)
8
MR37519.MP8
H-E RED
12.0
4.0
13
.195
(4.95)
8
BICOLOR**
MV54919.MP8
RED/GRN
2.3
6.0
20
.195
(4.95)
8
T-1 3/4 (5mm) multiple
PACKAGE DIMENSIONS
CATHODE**
.250 TYP
(6.35)
.190
(4.83)
.020 TYP
(.51)
.100
(2.54)
.015
TYP
.100 TYP
(2.54)
.250
(6.35)
.145 MIN
(3.68)
.250 TYP
(6.35)
1.01
(25.65)
DIM A
@
DIM A
PKG.
PART NUMBER
COLOR
VF
mcd
mA
in.
(mm) FIG.
MV60538.MP8A
RED
1.7
2.0
20
.140
(3.56)
8A
MV63538.MP8A
YLW
2.1
18.0
20
.140
(3.56)
8A
MV64538.MP8A
GRN
2.2
26.0
20
.140
(3.56)
8A
MV67538.MP8A
H-E RED
2.1
14.0
20
.140
(3.56)
8A
MV60539.MP8A
RED
1.7
3.2
20
.195
(4.95)
8A
MV63539.MP8A
YLW
2.1
20.0
20
.195
(4.95)
8A
MV64539.MP8A
GRN
2.2
28.0
20
.195
(4.95)
8A
MV67539.MP8A
H-E RED
2.1
15.0
20
.195
(4.95)
8A
LOW CURRENT (2mA)
HLMP-47009.MP8A
H-E RED
1.8
2.0
2
.195
(4.95)
8A
HLMP-47199.MP8A
YLW
1.9
2.0
2
.195
(4.95)
8A
HLMP-47409.MP8A
GRN
1.9
3.0
2
.195
(4.95)
8A
ULTRA BRIGHT
MV33509.MP8A
YLW*
2.2
150.0
20
.195
(4.95)
8A
MV34509.MP8A
GRN*
2.2
150.0
20
.195
(4.95)
8A
MV37509.MP8A
H-E. RED*
2.2
150.0
20
.195
(4.95)
8A
INTEGRAL RESISTOR
MR30509.MP8A
RED
5.0
2.0
13
.195
(4.95)
8A
MR30519.MP8A
RED
12.0
2.0
13
.195
(4.95)
8A
MR33509.MP8A
YLW
5.0
4.0
10
.195
(4.95)
8A
MR33519.MP8A
YLW
12.0
4.0
13
.195
(4.95)
8A
MR34509.MP8A
GRN
5.0
4.0
12
.195
(4.95)
8A
MR34519.MP8A
GRN
12.0
4.0
13
.195
(4.95)
8A
MR37509.MP8A
H-E RED
5.0
4.0
10
.195
(4.95)
8A
MR37519.MP8A
H-E RED
12.0
4.0
13
.195
(4.95)
8A
BICOLOR**
MV54919.MP8A
RED/GRN
2.3
6.0
20
.195
(4.95)
8A
T-1 3/4 (5mm) multiple
.250
(6.35)
DIM A
.190
(4.83)
.195
(4.95)
1.01 (25.65)
.250 TYP
(6.35)
.020 TYP
(.51)
.250 TYP
(6.35)
.100 TYP
(2.54)
.145 MIN
(3.68)
.250
(6.35)
CATHODE**
SPECIFIC NOTES:
For T-1 3/4 (5mm) multiple, multiples of four is the standard configuration.
Options — To obtain units in multiples of two add a “-2” suffix to the
part number (i.e. MV64539.MP8-2). To obtain units in multiples of
three add a “-3” suffix.
FIG. - 8
FIG. - 8A
GENERAL NOTES:
1. All dimensions are in inches (mm).
2. Tolerance is ± .015 (± .38) unless otherwise specified.
3. All electrical values are typical.
4. All parts have colored
diffused lens except those with
an asterik (*), which denotes colored
clear lens.
5. A double asterik (**) denotes that the cathode, as indicated,
is the red cathode for the RED/GRN bicolor LED.
6. Custom color combinations are available.


유사한 부품 번호 - HLMP-47409.MP8B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HLMP-47409.MP8B FAIRCHILD-HLMP-47409.MP8B Datasheet
376Kb / 7P
   PCB MOUNT LED INDICATORS
More results

유사한 설명 - HLMP-47409.MP8B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MV5064.MP4A FAIRCHILD-MV5064.MP4A Datasheet
376Kb / 7P
   PCB MOUNT LED INDICATORS
logo
QT Optoelectronics
MV5000MP1 QT-MV5000MP1 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com