전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL081ACDG4 데이터시트(PDF) 8 Page - Texas Instruments

부품명 TL081ACDG4
상세설명  JFET-INPUT OPERATIONAL AMPLIFIERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL081ACDG4 데이터시트(HTML) 8 Page - Texas Instruments

Back Button TL081ACDG4 Datasheet HTML 4Page - Texas Instruments TL081ACDG4 Datasheet HTML 5Page - Texas Instruments TL081ACDG4 Datasheet HTML 6Page - Texas Instruments TL081ACDG4 Datasheet HTML 7Page - Texas Instruments TL081ACDG4 Datasheet HTML 8Page - Texas Instruments TL081ACDG4 Datasheet HTML 9Page - Texas Instruments TL081ACDG4 Datasheet HTML 10Page - Texas Instruments TL081ACDG4 Datasheet HTML 11Page - Texas Instruments TL081ACDG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
TL081, TL081A, TL081B, TL082, TL082A, TL082B
TL084, TL084A, TL084B
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VI = 10 V,
RL = 2 kΩ,
CL = 100 pF,
See Figure 1
8
13
V/
µs
tr
Rise time
VI = 20 mV,
RL = 2 kΩ,
CL = 100 pF,
See Figure 1
0.05
µs
Overshoot factor
VI = 20 mV,
RL = 2 kΩ,
CL = 100 pF,
See Figure 1
20
%
Vn
Equivalent input noise voltage
RS = 20 Ω
f = 1 kHz
18
nV/
√Hz
Vn
Equivalent input noise voltage
RS = 20 Ω
f = 10 Hz to 10 kHz
4
µV
In
Equivalent input noise current
RS = 20 Ω,
f = 1 kHz
0.01
pA/
√Hz
THD
Total harmonic distortion
VIrms = 6 V,
f = 1 kHz
AVD = 1,
RS ≤ 1 kΩ,
RL ≥ 2 kΩ,
0.003
%
PARAMETER MEASUREMENT INFORMATION
Figure 1
VI
CL = 100 pF
RL = 2 kΩ
OUT
Figure 2
VI
10 k
1 k
RL
CL = 100 pF
OUT
Figure 3
100 k
C2
C1
N1
500 pF
OUT
IN −
Figure 4
TL081
N2
N1
100 k
1.5 k
VCC −
OUT
IN −
IN +


유사한 부품 번호 - TL081ACDG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL081ACDG4 TI-TL081ACDG4 Datasheet
862Kb / 37P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081ACDG4 TI-TL081ACDG4 Datasheet
1,000Kb / 37P
[Old version datasheet]   JEET-INPUT OPERTIONAL AMPLIFERS
TL081ACDG4 TI-TL081ACDG4 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081ACDG4 TI1-TL081ACDG4 Datasheet
1Mb / 45P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results

유사한 설명 - TL081ACDG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com