전자부품 데이터시트 검색엔진 |
|
TL061IDE4 데이터시트(PDF) 11 Page - Texas Instruments |
|
TL061IDE4 데이터시트(HTML) 11 Page - Texas Instruments |
11 / 42 page TL061, TL061A, TL061B, TL062, TL062A TL062B, TL064, TL064A, TL064B LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† Figure 4 0 0 |VCC±| − Supply Voltage − V ±2.5 ±5 ±7.5 ±10 ±12.5 ±15 246 8 10 12 14 16 RL = 10 kΩ TA = 25°C See Figure 2 MAXIMUM PEAK OUTPUT VOLTAGE vs SUPPLY VOLTAGE Figure 5 −75 0 TA − Free-Air Temperature − °C ±2.5 ±5 ±7.5 ±10 ±12.5 ±15 −50 −25 0 25 50 75 100 125 VCC± = ±15 V RL = 10 kΩ See Figure 2 MAXIMUM PEAK OUTPUT VOLTAGE vs FREE-AIR TEMPERATURE Figure 6 See Figure 2 TA = 25°C VCC± = ±15 V 0 100 RL − Load Resistance − Ω 1 k 10 k ±2.5 ±5 ±7.5 ±10 ±12.5 ±15 200 400 700 2 k 4 k 7 k MAXIMUM PEAK OUTPUT VOLTAGE vs LOAD RESISTANCE VCC± = ±12 V VCC± = ±5 V f − Frequency − Hz 1 k 0 10 k 100 k 1 M 10 M ±2.5 ±5 ±7.5 ±10 ±12.5 ±15 MAXIMUM PEAK OUTPUT VOLTAGE vs FREQUENCY RL = 10 kΩ TA = 25°C See Figure 2 VCC ± = ±15 V Figure 7 † Data at high and low temperatures are applicable only within the specified operating free-air temperature ranges of the various devices. |
유사한 부품 번호 - TL061IDE4 |
|
유사한 설명 - TL061IDE4 |