전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-EQR50-A2T 데이터시트(PDF) 25 Page - Texas Instruments

부품명 LM3S8730-EQR50-A2T
상세설명  Stellaris짰 LM3S8730 Microcontroller
Download  551 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3S8730-EQR50-A2T 데이터시트(HTML) 25 Page - Texas Instruments

Back Button LM3S8730-EQR50-A2T Datasheet HTML 21Page - Texas Instruments LM3S8730-EQR50-A2T Datasheet HTML 22Page - Texas Instruments LM3S8730-EQR50-A2T Datasheet HTML 23Page - Texas Instruments LM3S8730-EQR50-A2T Datasheet HTML 24Page - Texas Instruments LM3S8730-EQR50-A2T Datasheet HTML 25Page - Texas Instruments LM3S8730-EQR50-A2T Datasheet HTML 26Page - Texas Instruments LM3S8730-EQR50-A2T Datasheet HTML 27Page - Texas Instruments LM3S8730-EQR50-A2T Datasheet HTML 28Page - Texas Instruments LM3S8730-EQR50-A2T Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 551 page
background image
1
Architectural Overview
The Stellaris
® family of microcontrollers—the first ARM® Cortex™-M3 based controllers—brings
high-performance 32-bit computing to cost-sensitive embedded microcontroller applications. These
pioneering parts deliver customers 32-bit performance at a cost equivalent to legacy 8- and 16-bit
devices, all in a package with a small footprint.
The Stellaris
® family offers efficient performance and extensive integration, favorably positioning
the device into cost-conscious applications requiring significant control-processing and connectivity
capabilities. The Stellaris
® LM3S8000 series combines Bosch Controller Area Network technology
with both a 10/100 Ethernet Media Access Control (MAC) and Physical (PHY) layer.
The LM3S8730 microcontroller is targeted for industrial applications, including remote monitoring,
electronic point-of-sale machines, test and measurement equipment, network appliances and
switches, factory automation, HVAC and building control, gaming equipment, motion control, medical
instrumentation, and fire and security.
For applications requiring extreme conservation of power, the LM3S8730 microcontroller features
a battery-backed Hibernation module to efficiently power down the LM3S8730 to a low-power state
during extended periods of inactivity. With a power-up/power-down sequencer, a continuous time
counter (RTC), a pair of match registers, an APB interface to the system bus, and dedicated
non-volatile memory, the Hibernation module positions the LM3S8730 microcontroller perfectly for
battery applications.
In addition, the LM3S8730 microcontroller offers the advantages of ARM's widely available
development tools, System-on-Chip (SoC) infrastructure IP applications, and a large user community.
Additionally, the microcontroller uses ARM's Thumb®-compatible Thumb-2 instruction set to reduce
memory requirements and, thereby, cost. Finally, the LM3S8730 microcontroller is code-compatible
to all members of the extensive Stellaris
® family; providing flexibility to fit our customers' precise
needs.
Texas Instruments offers a complete solution to get to market quickly, with evaluation and
development boards, white papers and application notes, an easy-to-use peripheral driver library,
and a strong support, sales, and distributor network. See “Ordering and Contact
Information” on page 545 for ordering information for Stellaris
® family devices.
1.1
Product Features
The LM3S8730 microcontroller includes the following product features:
■ 32-Bit RISC Performance
– 32-bit ARM® Cortex™-M3 v7M architecture optimized for small-footprint embedded
applications
– System timer (SysTick), providing a simple, 24-bit clear-on-write, decrementing, wrap-on-zero
counter with a flexible control mechanism
– Thumb®-compatible Thumb-2-only instruction set processor core for high code density
– 50-MHz operation
– Hardware-division and single-cycle-multiplication
25
June 22, 2010
Texas Instruments-Production Data
Stellaris® LM3S8730 Microcontroller


유사한 부품 번호 - LM3S8730-EQR50-A2T

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LM3S8730-IQC20-A0 ETC2-LM3S8730-IQC20-A0 Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A0T ETC2-LM3S8730-IQC20-A0T Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A1 ETC2-LM3S8730-IQC20-A1 Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A1T ETC2-LM3S8730-IQC20-A1T Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A2 ETC2-LM3S8730-IQC20-A2 Datasheet
4Mb / 502P
   Microcontroller
More results

유사한 설명 - LM3S8730-EQR50-A2T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S1D21 TI1-LM3S1D21 Datasheet
5Mb / 956P
[Old version datasheet]   Stellaris짰 LM3S1D21 Microcontroller
LM3S1H16 TI1-LM3S1H16 Datasheet
4Mb / 805P
[Old version datasheet]   Stellaris짰 LM3S1H16 Microcontroller
LM3S1P51 TI1-LM3S1P51 Datasheet
5Mb / 1033P
[Old version datasheet]   Stellaris짰 LM3S1P51 Microcontroller
LM3S5956-IQR80-C1 TI1-LM3S5956-IQR80-C1 Datasheet
6Mb / 1144P
[Old version datasheet]   Stellaris짰 LM3S5956 Microcontroller
LM3S2918 TI1-LM3S2918 Datasheet
4Mb / 684P
[Old version datasheet]   Stellaris짰 LM3S2918 Microcontroller
LM3S2948 TI1-LM3S2948 Datasheet
4Mb / 686P
[Old version datasheet]   Stellaris짰 LM3S2948 Microcontroller
LM3S5632 TI1-LM3S5632 Datasheet
4Mb / 825P
[Old version datasheet]   Stellaris짰 LM3S5632 Microcontroller
LM3S5762 TI1-LM3S5762 Datasheet
4Mb / 841P
[Old version datasheet]   Stellaris짰 LM3S5762 Microcontroller
LM3S1C58 TI1-LM3S1C58 Datasheet
5Mb / 846P
[Old version datasheet]   Stellaris짰 LM3S1C58 Microcontroller
LM3S6422 TI1-LM3S6422 Datasheet
3Mb / 609P
[Old version datasheet]   Stellaris짰 LM3S6422 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com