전자부품 데이터시트 검색엔진 |
|
TL4050C41QDBZR 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
TL4050C41QDBZR 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 35 page TL4050 www.ti.com........................................................................................................................................................ SLOS486A – JUNE 2007 – REVISED AUGUST 2009 ORDERING INFORMATION (continued) DEVICE ORDERABLE TOP-SIDE TA VKA PACKAGE(2) GRADE PART NUMBER MARKING(3) Reel of 3000 TL4050C25IDBZR SOT-23-3 – DBZ TKG_ Reel of 250 TL4050C25IDBZT 2.5 V Reel of 3000 TL4050C25IDCKR SC-70 – DCK 84_ Reel of 250 TL4050C25IDCKT Reel of 3000 TL4050C41IDBZR SOT-23-3 – DBZ TKN_ Reel of 250 TL4050C41IDBZT 4.096 V C grade: Reel of 3000 TL4050C41IDCKR 0.5% initial SC-70 – DCK 8G_ Reel of 250 TL4050C41IDCKT accuracy and –40°C to 85°C 50 ppm/°C Reel of 3000 TL4050C50IDBZR SOT-23-3 – DBZ TKU_ temperature Reel of 250 TL4050C50IDBZT coefficient 5 V Reel of 3000 TL4050C50IDCKR SC-70 – DCK 8N_ Reel of 250 TL4050C50IDCKT Reel of 3000 TL4050C10IDBZR SOT-23-3 – DBZ TK4_ Reel of 250 TL4050C10IDBZT 10 V Reel of 3000 TL4050C10IDCKR SC-70 – DCK 93_ Reel of 250 TL4050C10IDCKT Reel of 3000 TL4050A25QDBZR SOT-23-3 – DBZ TKH_ Reel of 250 TL4050A25QDBZT 2.5 V Reel of 3000 TL4050A25QDCKR SC-70 – DCK 85_ Reel of 250 TL4050A25QDCKT Reel of 3000 TL4050A41QDBZR SOT-23-3 – DBZ TKP_ Reel of 250 TL4050A41QDBZT 4.096 V A grade: Reel of 3000 TL4050A41QDCKR 0.1% initial SC-70 – DCK 8H_ Reel of 250 TL4050A41QDCKT accuracy and –40°C to 125°C 50 ppm/°C Reel of 3000 TL4050A50QDBZR SOT-23-3 – DBZ TKV_ temperature Reel of 250 TL4050A50QDBZT coefficient 5 V Reel of 3000 TL4050A50QDCKR SC-70 – DCK 8P_ Reel of 250 TL4050A50QDCKT Reel of 3000 TL4050A10QDBZR SOT-23-3 – DBZ TK5_ Reel of 250 TL4050A10QDBZT 10 V Reel of 3000 TL4050A10QDCKR SC-70 – DCK 94_ Reel of 250 TL4050A10QDCKT Copyright © 2007–2009, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): TL4050 |
유사한 부품 번호 - TL4050C41QDBZR |
|
유사한 설명 - TL4050C41QDBZR |