전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IBZ20-A2 데이터시트(PDF) 70 Page - Texas Instruments

부품명 LM3S8730-IBZ20-A2
상세설명  Stellaris짰 LM3S8730 Microcontroller
Download  551 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3S8730-IBZ20-A2 데이터시트(HTML) 70 Page - Texas Instruments

Back Button LM3S8730-IBZ20-A2 Datasheet HTML 66Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 67Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 68Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 69Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 70Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 71Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 72Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 73Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 551 page
background image
Figure 6-5. Main Clock Tree
PLL
(400 MHz)
Main OSC
Internal
OSC
(12 MHz)
Internal
OSC
(30 kHz)
÷ 4
Hibernation
Module
(32.768 kHz)
÷ 25
PWRDN
ADC Clock
System Clock
XTALa
PWRDN b
MOSCDIS a
IOSCDIS
a
OSCSRCb,d
BYPASS
b,d
SYSDIV b,d
USESYSDIV a,d
PWMDW a
USEPWMDIV a
PWM Clock
a. Control provided by RCC register bit/field.
b. Control provided by RCC register bit/field or RCC2 register bit/field, if overridden with RCC2 register bit USERCC2.
c. Control provided by RCC2 register bit/field.
d. Also may be controlled by DSLPCLKCFG when in deep sleep mode.
÷ 2
÷ 50
CAN Clock
Note:
The figure above shows all features available on all Stellaris® Fury-class devices.
In the RCC register, the SYSDIV field specifies which divisor is used to generate the system clock
from either the PLL output or the oscillator source (depending on how the BYPASS bit in this register
is configured). When using the PLL, the VCO frequency of 400 MHz is predivided by 2 before the
divisor is applied. Table 6-2 shows how the SYSDIV encoding affects the system clock frequency,
depending on whether the PLL is used (BYPASS=0) or another clock source is used (BYPASS=1).
The divisor is equivalent to the SYSDIV encoding plus 1. For a list of possible clock sources, see
Table 6-1 on page 68.
June 22, 2010
70
Texas Instruments-Production Data
System Control


유사한 부품 번호 - LM3S8730-IBZ20-A2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LM3S8730-IQC20-A0 ETC2-LM3S8730-IQC20-A0 Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A0T ETC2-LM3S8730-IQC20-A0T Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A1 ETC2-LM3S8730-IQC20-A1 Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A1T ETC2-LM3S8730-IQC20-A1T Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A2 ETC2-LM3S8730-IQC20-A2 Datasheet
4Mb / 502P
   Microcontroller
More results

유사한 설명 - LM3S8730-IBZ20-A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S1D21 TI1-LM3S1D21 Datasheet
5Mb / 956P
[Old version datasheet]   Stellaris짰 LM3S1D21 Microcontroller
LM3S1H16 TI1-LM3S1H16 Datasheet
4Mb / 805P
[Old version datasheet]   Stellaris짰 LM3S1H16 Microcontroller
LM3S1P51 TI1-LM3S1P51 Datasheet
5Mb / 1033P
[Old version datasheet]   Stellaris짰 LM3S1P51 Microcontroller
LM3S5956-IQR80-C1 TI1-LM3S5956-IQR80-C1 Datasheet
6Mb / 1144P
[Old version datasheet]   Stellaris짰 LM3S5956 Microcontroller
LM3S2918 TI1-LM3S2918 Datasheet
4Mb / 684P
[Old version datasheet]   Stellaris짰 LM3S2918 Microcontroller
LM3S2948 TI1-LM3S2948 Datasheet
4Mb / 686P
[Old version datasheet]   Stellaris짰 LM3S2948 Microcontroller
LM3S5632 TI1-LM3S5632 Datasheet
4Mb / 825P
[Old version datasheet]   Stellaris짰 LM3S5632 Microcontroller
LM3S5762 TI1-LM3S5762 Datasheet
4Mb / 841P
[Old version datasheet]   Stellaris짰 LM3S5762 Microcontroller
LM3S1C58 TI1-LM3S1C58 Datasheet
5Mb / 846P
[Old version datasheet]   Stellaris짰 LM3S1C58 Microcontroller
LM3S6422 TI1-LM3S6422 Datasheet
3Mb / 609P
[Old version datasheet]   Stellaris짰 LM3S6422 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com