전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA2028D1YZFT 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA2028D1YZFT
상세설명  3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA2028D1YZFT 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPA2028D1YZFT Datasheet HTML 7Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 8Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 9Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 10Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 11Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 12Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 13Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 14Page - Texas Instruments TPA2028D1YZFT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
PO − Output Power − W
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.0
0.5
1.0
1.5
2.0
G017
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
VDD = 3.6 V
VDD = 2.5 V
VDD = 5 V
PO − Output Power − W
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
G020
VDD = 3.6 V
VDD = 2.5 V
VDD = 5 V
Gain = 6 dB
RL = 4 Ω + 33 µH
f = 1 kHz
VDD − Supply Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
G021
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
THD = 1%
THD = 10%
VDD − Supply Voltage − V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
G022
Gain = 6 dB
RL = 4 Ω + 33 µH
f = 1 kHz
THD = 1%
THD = 10%
t − Time − s
0
5m
10m
15m
20m
−4
−2
0
2
4
6
8
10
TPA2028D1 OUTP−OUTM
TPA2018D1 OUTP−OUTM
SCL − Speaker Enable
VDD = 5.0 V
Fixed Gain = 6 dB, CR = 1:1
VIN = 707 mVRMS @ 1kHz
RL = 8 Ω + 33 µH
t − Time − s
0
1
2
3
4
5
−4
−2
0
2
4
6
8
10
TPA2028D1 OUTP−OUTM
TPA2018D1 OUTP−OUTM
SCL − Speaker Enable
VDD = 5.0 V
Fixed Gain = 6 dB, CR = 1:1
VIN = 707 mVRMS @ 1kHz
RL = 8 Ω + 33 µH
TPA2028D1
www.ti.com
SLOS660 – JANUARY 2010
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 21.
Figure 22.
OUTPUT POWER
OUTPUT POWER
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 23.
Figure 24.
TPA2028D1
TPA2028D1
vs
vs
TPA2018D1
TPA2018D1
Figure 25. Shutdown Gain Ramp Comparison
Figure 26. Startup Gain Ramp Comparison
Copyright © 2010, Texas Instruments Incorporated
11
Product Folder Link(s): TPA2028D1


유사한 부품 번호 - TPA2028D1YZFT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2028D1YZFT TI-TPA2028D1YZFT Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1YZFT TI1-TPA2028D1YZFT Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TPA2028D1YZFT TI1-TPA2028D1YZFT Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
More results

유사한 설명 - TPA2028D1YZFT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com