전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC14RGYRG4 데이터시트(PDF) 3 Page - Texas Instruments

부품명 SN74AHC14RGYRG4
상세설명  HEX SCHMITT-TRIGGER INVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC14RGYRG4 데이터시트(HTML) 3 Page - Texas Instruments

  SN74AHC14RGYRG4 Datasheet HTML 1Page - Texas Instruments SN74AHC14RGYRG4 Datasheet HTML 2Page - Texas Instruments SN74AHC14RGYRG4 Datasheet HTML 3Page - Texas Instruments SN74AHC14RGYRG4 Datasheet HTML 4Page - Texas Instruments SN74AHC14RGYRG4 Datasheet HTML 5Page - Texas Instruments SN74AHC14RGYRG4 Datasheet HTML 6Page - Texas Instruments SN74AHC14RGYRG4 Datasheet HTML 7Page - Texas Instruments SN74AHC14RGYRG4 Datasheet HTML 8Page - Texas Instruments SN74AHC14RGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SN54AHC14, SN74AHC14
HEX SCHMITT-TRIGGER INVERTERS
SCLS238I − OCTOBER 1995 − REVISED JULY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = 25°C
SN54AHC14
SN74AHC14
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VT+
3 V
1.2
2.2
1.2
2.2
1.2
2.2
VT+
Positive-going
4.5 V
1.75
3.15
1.75
3.15
1.75
3.15
V
Positive going
input threshold voltage
5.5 V
2.15
3.85
2.15
3.85
2.15
3.85
V
VT
3 V
0.9
1.9
0.9
1.9
0.9
1.9
VT−
Negative-going
4.5 V
1.35
2.75
1.35
2.75
1.35
2.75
V
Negative going
input threshold voltage
5.5 V
1.65
3.35
1.65
3.35
1.65
3.35
V
ΔV
3 V
0.3
1.2
0.3
1.2
0.3
1.2
ΔVT
Hysteresis (VT+ − VT )
4.5 V
0.4
1.4
0.4
1.4
0.4
1.4
V
Hysteresis (VT+ − VT−)
5.5 V
0.5
1.6
0.5
1.6
0.5
1.6
V
2 V
1.9
2
1.9
1.9
IOH = −50 mA
3 V
2.9
3
2.9
2.9
VOH
IOH
50
mA
4.5 V
4.4
4.5
4.4
4.4
V
VOH
IOH = −4 mA
3 V
2.58
2.48
2.48
V
IOH = −8 mA
4.5 V
3.94
3.8
3.8
2 V
0.1
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
0.1
VOL
IOL
50
mA
4.5 V
0.1
0.1
0.1
V
VOL
IOL = 4 mA
3 V
0.36
0.5
0.44
V
IOL = 8 mA
4.5 V
0.36
0.5
0.44
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1*
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
20
20
mA
Ci
VI = VCC or GND
5 V
2
10
10
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC14
SN74AHC14
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
C
15 pF
8.3**
12.8**
1**
15**
1
15
ns
tPHL
A
Y
CL = 15 pF
8.3**
12.8**
1**
15**
1
15
ns
tPLH
A
Y
C
50 pF
10.8
16.3
1
18.5
1
18.5
ns
tPHL
A
Y
CL = 50 pF
10.8
16.3
1
18.5
1
18.5
ns
** On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC14
SN74AHC14
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
C
15 pF
5.5**
8.6**
1**
10**
1
10
ns
tPHL
A
Y
CL = 15 pF
5.5**
8.6**
1**
10**
1
10
ns
tPLH
A
Y
C
50 pF
7
10.6
1
12
1
12
ns
tPHL
A
Y
CL = 50 pF
7
10.6
1
12
1
12
ns
** On products compliant to MIL-PRF-38535, this parameter is not production tested.


유사한 부품 번호 - SN74AHC14RGYRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC14RGYRG4 TI-SN74AHC14RGYRG4 Datasheet
949Kb / 24P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN74AHC14RGYRG4 TI-SN74AHC14RGYRG4 Datasheet
991Kb / 22P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

유사한 설명 - SN74AHC14RGYRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com