전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL2575HV-15INE4 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TL2575HV-15INE4
상세설명  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL2575HV-15INE4 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TL2575HV-15INE4 Datasheet HTML 6Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 7Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 8Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 9Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 10Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 11Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 12Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 13Page - Texas Instruments TL2575HV-15INE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
10
20
30
40
50
60
VIN – Input Voltage – V
ILOAD = 200 mA
TJ = 25°C
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
150
TA – Temperature – °C
VIN = 20 V
ILOAD = 200 mA
TJ = 25°C
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
-40 -25 -10
5
20
35
50
65
80
95 110 125
TJ – Junction Temperature – °C
D
W
V
= 5%
R
= 0.2
OUT
IND
I
= 1 A
LOAD
I
= 200 mA
LOAD
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
TJ – Junction Temperature – °C
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
Figure 3. Normalized Output Voltage
Figure 4. Line Regulation
Figure 5. Dropout Voltage
Figure 6. Current Limit
10
Submit Documentation Feedback


유사한 부품 번호 - TL2575HV-15INE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL2575HV-15INE4 TI-TL2575HV-15INE4 Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575HV-15INE4 TI-TL2575HV-15INE4 Datasheet
963Kb / 31P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575HV-15INE4 TI-TL2575HV-15INE4 Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
More results

유사한 설명 - TL2575HV-15INE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL2575 TI1-TL2575_16 Datasheet
1Mb / 34P
[Old version datasheet]   1-A Simple Step-Down Switching Voltage Regulators
TL2575 TI-TL2575 Datasheet
2Mb / 23P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575HV-05-Q1 TI1-TL2575HV-05-Q1 Datasheet
800Kb / 22P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575_0701 TI-TL2575_0701 Datasheet
963Kb / 31P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_07 Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_08 Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05 TI1-TL2575-05 Datasheet
1Mb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_15 Datasheet
1Mb / 32P
[Old version datasheet]   TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com