전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD4E004DRYRG4 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD4E004DRYRG4
상세설명  4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPD4E004DRYRG4 데이터시트(HTML) 2 Page - Texas Instruments

  TPD4E004DRYRG4 Datasheet HTML 1Page - Texas Instruments TPD4E004DRYRG4 Datasheet HTML 2Page - Texas Instruments TPD4E004DRYRG4 Datasheet HTML 3Page - Texas Instruments TPD4E004DRYRG4 Datasheet HTML 4Page - Texas Instruments TPD4E004DRYRG4 Datasheet HTML 5Page - Texas Instruments TPD4E004DRYRG4 Datasheet HTML 6Page - Texas Instruments TPD4E004DRYRG4 Datasheet HTML 7Page - Texas Instruments TPD4E004DRYRG4 Datasheet HTML 8Page - Texas Instruments TPD4E004DRYRG4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.ti.com
IO3
IO4
GND
IO2
IO1
V
CC
ABSOLUTE MAXIMUM RATINGS
(1)
TPD4E004
4-CHANNEL ESD-PROTECTION ARRAY
FOR HIGH-SPEED DATA INTERFACES
SLVS729A – FEBRUARY 2008 – REVISED FEBRUARY 2008
PIN DESCRIPTION
TERMINAL
DESCRIPTION
NAME
NO.
GND
3
Ground
IOx
1,2,4,5
ESD-protected channel
VCC
6
Power-supply input
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.3
5.5
V
VIO
Input/output voltage range
–0.3
VCC + 0.3
V
Tstg
Storage temperature range
–65
150
°C
TJ
Junction temperature
150
°C
Infrared (15 s)
220
Bump temperature (soldering)
°C
Vapor phase (60 s)
215
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPD4E004


유사한 부품 번호 - TPD4E004DRYRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4E004DRYRG4 TI-TPD4E004DRYRG4 Datasheet
422Kb / 12P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004DRYRG4 TI-TPD4E004DRYRG4 Datasheet
366Kb / 11P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results

유사한 설명 - TPD4E004DRYRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4E004 TI-TPD4E004_1 Datasheet
366Kb / 11P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004 Datasheet
422Kb / 12P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
logo
Nexperia B.V. All right...
PESD3V3X4UHC NEXPERIA-PESD3V3X4UHC Datasheet
268Kb / 11P
   4-fold ESD protection array for high-speed interfaces
13 June 2019
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9C39-04S AMAZING-AZ9C39-04S Datasheet
196Kb / 7P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2021/04/12
AZC015-04C AMAZING-AZC015-04C Datasheet
217Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC099-04S AMAZING-AZC099-04S Datasheet
174Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2013/08/27
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com