전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVCH2T45DCTTE4 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 74AVCH2T45DCTTE4
상세설명  DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74AVCH2T45DCTTE4 데이터시트(HTML) 6 Page - Texas Instruments

Back Button 74AVCH2T45DCTTE4 Datasheet HTML 2Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 3Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 4Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 5Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 6Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 7Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 8Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 9Page - Texas Instruments 74AVCH2T45DCTTE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.ti.com
Electrical Characteristics (continued)
(1) (2)
Switching Characteristics
SN74AVCH2T45
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES582F – JULY 2004 – REVISED NOVEMBER 2007
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40
°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
MAX
A port
0 V
0 V to 3.6 V
±0.1
±1
±5
Ioff
VI or VO = 0 to 3.6 V
µA
B port
0 V to 3.6 V
0 V
±0.1
±1
±5
B port
0 V
3.6 V
±0.5
±2.5
±5
VO = VCCO or GND,
IOZ
µA
VI = VCCI or GND
A port
3.6 V
0 V
±0.5
±2.5
±5
1.2 V to 3.6 V
1.2 V to 3.6 V
10
ICCA
VI = VCCI or GND,
IO = 0
0 V
3.6 V
–2
µA
3.6 V
0 V
10
1.2 V to 3.6 V
1.2 V to 3.6 V
10
ICCB
VI = VCCI or GND,
IO = 0
0 V
3.6 V
10
µA
3.6 V
0 V
–2
ICCA + ICCB
VI = VCCI or GND,
IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
20
µA
Control
Ci
VI = 3.3 V or GND
3.3 V
3.3 V
2.5
pF
inputs
Cio
A or B port
VO = 3.3 V or GND
3.3 V
3.3 V
6
pF
(1)
VCCO is the VCC associated with the output port.
(2)
VCCI is the VCC associated with the input port.
over recommended operating free-air temperature range, VCCA = 1.2 V (see Figure 11)
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
tPLH
3.1
2.6
2.4
2.2
2.2
A
B
ns
tPHL
3.1
2.6
2.4
2.2
2.2
tPLH
3.4
3.1
3
2.9
2.9
B
A
ns
tPHL
3.4
3.1
3
2.9
2.9
tPHZ
5.2
5.2
5.1
5
4.8
DIR
A
ns
tPLZ
5.2
5.2
5.1
5
4.8
tPHZ
5
4
3.8
2.8
3.2
DIR
B
ns
tPLZ
5
4
3.8
2.8
3.2
tPZH
(1)
8.4
7.1
6.8
5.7
6.1
DIR
A
ns
tPZL
(1)
8.4
7.1
6.8
5.7
6.1
tPZH
(1)
8.3
7.8
7.5
7.2
7
DIR
B
ns
tPZL
(1)
8.3
7.8
7.5
7.2
7
(1)
The enable time is a calculated value derived using the formula shown in the enable times section.
6
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): SN74AVCH2T45


유사한 부품 번호 - 74AVCH2T45DCTTE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AVCH2T45DCTTE4 TI1-74AVCH2T45DCTTE4 Datasheet
985Kb / 31P
[Old version datasheet]   2-Supply, Bus Transceiver with Configurable Level-Shifting
74AVCH2T45DCTTE4 TI1-74AVCH2T45DCTTE4 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
More results

유사한 설명 - 74AVCH2T45DCTTE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
427Kb / 22P
[Old version datasheet]   DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_08 Datasheet
628Kb / 26P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245_10 Datasheet
496Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
395Kb / 14P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com