전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3671LCX-1.3 데이터시트(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM3671LCX-1.3
상세설명  2MHz, 600mA Step-Down DC-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3671LCX-1.3 데이터시트(HTML) 2 Page - National Semiconductor (TI)

  LM3671LCX-1.3 Datasheet HTML 1Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 2Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 3Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 4Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 5Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 6Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 7Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 8Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
20108431
FIGURE 2. Typical Application Circuit for ADJ version
Connection Diagram and Package Mark Information
20108402
FIGURE 3. Top View
SOT23-5 Package NS Package Number MF05A (2.92mm x 2.84mm x 1.2mm)
20108444
FIGURE 4. 5-Bump Micro SMD Package NS Package Number TLA05CBA (1.05mm x 1.38mm x 0.6mm)
www.national.com
2


유사한 부품 번호 - LM3671LCX-1.3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3671LCX-1.3/NOPB TI1-LM3671LCX-1.3/NOPB Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671LCX-1.3/NOPB TI1-LM3671LCX-1.3/NOPB Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

유사한 설명 - LM3671LCX-1.3

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com