전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3A24157 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TS3A24157
상세설명  0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS3A24157 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TS3A24157 Datasheet HTML 3Page - Texas Instruments TS3A24157 Datasheet HTML 4Page - Texas Instruments TS3A24157 Datasheet HTML 5Page - Texas Instruments TS3A24157 Datasheet HTML 6Page - Texas Instruments TS3A24157 Datasheet HTML 7Page - Texas Instruments TS3A24157 Datasheet HTML 8Page - Texas Instruments TS3A24157 Datasheet HTML 9Page - Texas Instruments TS3A24157 Datasheet HTML 10Page - Texas Instruments TS3A24157 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
Electrical Characteristics for 1.8-V Supply
(1)
TS3A24157
0.65-
Ω DUAL SPDT ANALOG SWITCH
DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS208A – JUNE 2007 – REVISED SEPTEMBER 2007
V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
25
°C
0.8
1.25
Peak ON
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
rpeak
1.65 V
resistance
ICOM = –2 mA,
See Figure 10
Full
1.4
25
°C
0.6
0.95
ON-state
VNO or VNC = 1.5 V,
Switch ON,
ron
1.65 V
resistance
ICOM = –2 mA,
See Figure 10
Full
1
ON-state
25
°C
0.1
0.15
resistance match
VNO or VNC = 0.6 V, 1.5 V,
Switch ON,
Δron
1.65 V
between
ICOM = –2 mA,
See Figure 10
Full
0.15
channels
0
≤ (VNO or VNC) ≤ V+,
Switch ON,
25
°C
0.35
0.13
ON-state
ICOM = –2 mA,
See Figure 10
resistance
ron(flat)
1.65 V
25
°C
0.05
VNO or VNC = 0.6 V, 1.5 V,
Switch ON,
flatness
ICOM = –8 mA,
See Figure 10
Full
0.2
NC, NO
VNC or VNO = 0.3 V, VCOM = 1.65 V,
25
°C
–50
50
INC(OFF),
Switch OFF,
OFF leakage
or
1.65
nA
INO(OFF)
See Figure 11
Full
–250
250
current
VNC or VNO = 1.65 V, VCOM = 0.3 V,
NC, NO
VNC or VNO = 0.3 V, VCOM = Open,
25
°C
–50
50
INC(ON),
Switch ON,
ON leakage
or
1.95 V
nA
INO(ON)
See Figure 12
Full
–400
400
current
VNC or VNO = 1.65 V, VCOM = Open,
COM
VNC or VNO = Open, VCOM = 0.3 V,
25
°C
–50
50
Switch ON,
ON leakage
ICOM(ON)
or
1.95 V
nA
See Figure 12
Full
–400
400
current
VNC or VNO = Open, VCOM = 1.65 V,
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
1
V
Input logic low
VIL
Full
0.4
V
25
°C
0
50
Input leakage
IIH, IIL
VI = 1.95 V or 0
1.95 V
nA
current
Full
150
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS3A24157


유사한 부품 번호 - TS3A24157

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157DGSR TI-TS3A24157DGSR Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

유사한 설명 - TS3A24157

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159 Datasheet
476Kb / 21P
[Old version datasheet]   0.3-W DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com