전자부품 데이터시트 검색엔진 |
|
SN74AUP1T57DBVRG4 데이터시트(PDF) 10 Page - Texas Instruments |
|
SN74AUP1T57DBVRG4 데이터시트(HTML) 10 Page - Texas Instruments |
10 / 24 page SN74AUP1T57 SCES611G – OCTOBER 2004 – REVISED MAY 2010 www.ti.com SWITCHING CHARACTERISTICS over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V, VI = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 12) TA = –40°C TA = 25°C FROM TO to 85°C PARAMETER CL UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX 5 pF 1.6 2.1 2.7 0.5 4.7 10 pF 2 2.4 3 1 5.7 tpd A, B, or C Y ns 15 pF 2.3 2.7 3.3 1 6.2 30 pF 3.4 3.8 4.4 1.5 7.8 OPERATING CHARACTERISTICS TA = 25°C VCC = 2.5 V VCC = 3.3 V PARAMETER TEST CONDITIONS UNIT TYP TYP Cpd Power dissipation capacitance f = 10 MHz 4 5 pF 10 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): SN74AUP1T57 |
유사한 부품 번호 - SN74AUP1T57DBVRG4 |
|
유사한 설명 - SN74AUP1T57DBVRG4 |