전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL12022M 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL12022M
상세설명  Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022M 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL12022M Datasheet HTML 3Page - Intersil Corporation ISL12022M Datasheet HTML 4Page - Intersil Corporation ISL12022M Datasheet HTML 5Page - Intersil Corporation ISL12022M Datasheet HTML 6Page - Intersil Corporation ISL12022M Datasheet HTML 7Page - Intersil Corporation ISL12022M Datasheet HTML 8Page - Intersil Corporation ISL12022M Datasheet HTML 9Page - Intersil Corporation ISL12022M Datasheet HTML 10Page - Intersil Corporation ISL12022M Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
FN6668.7
June 4, 2010
tHD:STA
START Condition Hold Time
From SDA falling edge
crossing 30% of VDD to
SCL falling edge crossing
70% of VDD.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the
30% to 70% of VDD
window, to SCL rising
edge crossing 30% of
VDD.
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge
crossing 30% of VDD to
SDA entering the 30% to
70% of VDD window.
20
900
ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge
crossing 70% of VDD, to
SDA rising edge crossing
30% of VDD.
600
ns
tHD:STO
STOP Condition Hold Time
From SDA rising edge to
SCL falling edge. Both
crossing 70% of VDD.
600
ns
tDH
Output Data Hold Time
From SCL falling edge
crossing 30% of VDD,
until SDA enters the
30% to 70% of VDD
window.
0
ns
tR
SDA and SCL Rise Time
From 30% to 70% of
VDD.
20 + 0.1 x
Cb
300
ns
13, 14
tF
SDA and SCL Fall Time
From 70% to 30% of
VDD.
20 + 0.1 x
Cb
300
ns
13, 14
Cb
Capacitive Loading of SDA or
SCL
Total on-chip and
off-chip
10
400
pF
13, 14
RPU
SDA and SCL Bus Pull-up
Resistor Off-chip
Maximum is determined
by tR and tF.
For Cb = 400pF, max is
about 2kΩ~2.5kΩ.
For Cb = 40pF, max is
about 15kΩ~20kΩ
1
13, 14
NOTES:
7. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits
established by characterization and are not production tested.
8. Specified at +25°C.
9. Temperature Conversion is inactive below VBAT = 2.7V. Device operation is not guaranteed at VBAT <1.8V.
10. IRQ/FOUT inactive.
11. VDD > VBAT +VBATHYS
12. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
13. Limits should be considered typical and are not production tested.
14. These are I2C specific parameters and are not tested, however, they are used to set conditions for testing devices to validate
specification.
15. Minimum VDD and/or VBAT of 1V to sustain the SRAM. The value is based on characterization and it is not tested.
I2C Interface Specifications Test Conditions: VDD = +2.7 to +5.5V, Temperature = -40°C to +85°C,
unless otherwise specified. Boldface limits apply over the operating temperature
range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
(Note 8)
MAX
(Note 7) UNITS
NOTES
ISL12022M


유사한 부품 번호 - ISL12022M

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M Datasheet
376Kb / 27P
   Real Time Clock with Embedded Crystal, 짹5ppm Accuracy
ISL12022M INTERSIL-ISL12022M Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12022M INTERSIL-ISL12022M Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL12022M INTERSIL-ISL12022M Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
More results

유사한 설명 - ISL12022M

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com