전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS1500 데이터시트(PDF) 6 Page - Cirrus Logic

부품명 CS1500
상세설명  Digital Power Factor Correction IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1500 데이터시트(HTML) 6 Page - Cirrus Logic

Back Button CS1500_1 Datasheet HTML 2Page - Cirrus Logic CS1500_1 Datasheet HTML 3Page - Cirrus Logic CS1500_1 Datasheet HTML 4Page - Cirrus Logic CS1500_1 Datasheet HTML 5Page - Cirrus Logic CS1500_1 Datasheet HTML 6Page - Cirrus Logic CS1500_1 Datasheet HTML 7Page - Cirrus Logic CS1500_1 Datasheet HTML 8Page - Cirrus Logic CS1500_1 Datasheet HTML 9Page - Cirrus Logic CS1500_1 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CS1500
6
DS849A7
Jul ?$shortyear>
CONFIDENTIAL
385
390
395
400
405
410
415
420
425
-50
0
50
100
150
Temperature (°C)
OVP
Normal
Min Freq
Max Freq
TEMP (oC)
0
10
20
30
40
50
60
70
80
90
100
-60
-40
-20
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
-60
-40
-20
0
40
100
120
140
Gate Resistor (R
OH, ROL) Temp (
oC)
Source
Sink
V
DD = 13 V
I
source = 100 mA
I
sink = 200 mA
20
60
80
-50
0
50
100
150
TEM P (oC)
Start-up
Standby
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Operating
V
DD = 13 V
C
L = 1 nF
f
SW(max) = 70 kHz
Start-up
Standby
Figure 5. Supply Current (ISB, IST, IDD) vs. Temp
Figure 6. Min/Max Operating Frequency vs. Temp
Figure 7. Gate Resistance (ROH, ROL) vs. Temp
Figure 8. OVP vs. Temp


유사한 부품 번호 - CS1500_1

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS1500-FSZ CIRRUS-CS1500-FSZ Datasheet
842Kb / 22P
   Digital Power Factor Correction IC
More results

유사한 설명 - CS1500_1

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS1500 CIRRUS-CS1500 Datasheet
842Kb / 22P
   Digital Power Factor Correction IC
CS1501 CIRRUS-CS1501 Datasheet
820Kb / 11P
   Digital Power Factor Correction Control IC
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP Datasheet
308Kb / 41P
   Power Factor Correction Controller IC
logo
Rohm
BD7690FJ ROHM-BD7690FJ Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Princeton Technology Co...
PT5634 PTC-PT5634 Datasheet
373Kb / 4P
   Power Factor Correction Control IC
PT5634A PTC-PT5634A Datasheet
356Kb / 4P
   Power Factor Correction Control IC
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP_16 Datasheet
266Kb / 8P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_09 Datasheet
124Kb / 8P
   Power Factor Correction Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com