전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL5209 데이터시트(PDF) 9 Page - Texas Instruments

부품명 TL5209
상세설명  500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL5209 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TL5209_10 Datasheet HTML 5Page - Texas Instruments TL5209_10 Datasheet HTML 6Page - Texas Instruments TL5209_10 Datasheet HTML 7Page - Texas Instruments TL5209_10 Datasheet HTML 8Page - Texas Instruments TL5209_10 Datasheet HTML 9Page - Texas Instruments TL5209_10 Datasheet HTML 10Page - Texas Instruments TL5209_10 Datasheet HTML 11Page - Texas Instruments TL5209_10 Datasheet HTML 12Page - Texas Instruments TL5209_10 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
0
2
4
6
8
10
12
14
16
18
20
0
50
100 150 200 250 300 350 400 450 500
IL – Load Current – mA
VIN = 3.5 V
COUT = 4.7 µF
CIN = 1 µF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
1
2
3
4
5
6
7
8
VCC – Supply Voltage – V
IL = 100 mA
IL = 1 mA
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
VCC – Supply Voltage – V
IL = 500 mA
2.47
2.48
2.49
2.50
2.51
2.52
2.53
0
50 100 150 200 250 300 350 400 450 500
IL – Load Current – mA
VIN = 3.5 V
COUT = 4.7 µF
IL = 1 mA to 500 mA
TA = 25°C
TA = 125°C
TA = -40°C
TL5209
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR
WITH SHUTDOWN
SLVS581A – SEPTEMBER 2006 – REVISED MAY 2007
TYPICAL CHARACTERISTICS (continued)
GROUND CURRENT
GROUND CURRENT
vs
vs
LOAD CURRENT
SUPPLY VOLTAGE
GROUND CURRENT
OUTPUT VOLTAGE
vs
vs
SUPPLY VOLTAGE
LOAD CURRENT
9
Submit Documentation Feedback


유사한 부품 번호 - TL5209_10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL5209-18 TI-TL5209-18 Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209-18DCYR TI-TL5209-18DCYR Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209-18DR TI-TL5209-18DR Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209-18KTTR TI-TL5209-18KTTR Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_15 Datasheet
816Kb / 23P
[Old version datasheet]   TL5209 500-mA Low-Noise Low-Dropout Voltage Regulator With Shutdown
More results

유사한 설명 - TL5209_10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL5209 TI-TL5209 Datasheet
371Kb / 22P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_15 Datasheet
816Kb / 23P
[Old version datasheet]   TL5209 500-mA Low-Noise Low-Dropout Voltage Regulator With Shutdown
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com