전자부품 데이터시트 검색엔진 |
|
TPA3113D2 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
TPA3113D2 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 33 page 1 2 3 4 5 6 7 8 9 10 28 27 26 25 24 23 22 21 20 19 SD FAULT LINP LINN GAIN0 GAIN1 AVCC AGND GVDD PLIMIT PVCCL PVCCL BSPL OUTPL PGND OUTNL BSNL BSNR OUTNR PGND RINN RINP NC 11 12 13 14 18 17 16 15 OUTPR BSPR PVCCR PVCCR PBTL TPA3113D2 SLOS650C – AUGUST 2009 – REVISED JULY 2010 www.ti.com AC CHARACTERISTICS TA = 25°C, VCC = 24 V, RL = 8 Ω (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT 200 mVPP ripple at 1 kHz, KSVR Power Supply ripple rejection –70 dB Gain = 20 dB, Inputs ac-coupled to AGND PO Continuous output power THD+N = 10%, f = 1 kHz, VCC = 10 V 6 W THD+N Total harmonic distortion + noise VCC = 16 V, f = 1 kHz, PO = 3 W (half-power) 0.07 % 65 µV Vn Output integrated noise 20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB –80 dBV Crosstalk VO = 1 Vrms, Gain = 20 dB, f = 1 kHz –100 dB Maximum output at THD+N < 1%, f = 1 kHz, SNR Signal-to-noise ratio 102 dB Gain = 20 dB, A-weighted fOSC Oscillator frequency 250 310 350 kHz Thermal trip point 150 °C Thermal hysteresis 15 °C AC CHARACTERISTICS TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT 200 mVPP ripple from 20 Hz–1 kHz, KSVR Supply ripple rejection –70 dB Gain = 20 dB, Inputs ac-coupled to AGND THD+N Total harmonic distortion + noise RL = 8 Ω, f = 1 kHz, PO = 3 W (half-power) 0.06 % 65 µV Vn Output integrated noise 20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB –80 dBV Crosstalk Po = 1 W, Gain = 20 dB, f = 1 kHz –100 dB Maximum output at THD+N < 1%, f = 1 kHz, SNR Signal-to-noise ratio 102 dB Gain = 20 dB, A-weighted fOSC Oscillator frequency 250 310 350 kHz Thermal trip point 150 °C Thermal hysteresis 15 °C PWP (TSSOP) PACKAGE (TOP VIEW) 4 Submit Documentation Feedback Copyright © 2009–2010, Texas Instruments Incorporated Product Folder Link(s) :TPA3113D2 |
유사한 부품 번호 - TPA3113D2 |
|
유사한 설명 - TPA3113D2 |