전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM34919 데이터시트(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LM34919
상세설명  Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34919 데이터시트(HTML) 1 Page - National Semiconductor (TI)

  LM34919 Datasheet HTML 1Page - National Semiconductor (TI) LM34919 Datasheet HTML 2Page - National Semiconductor (TI) LM34919 Datasheet HTML 3Page - National Semiconductor (TI) LM34919 Datasheet HTML 4Page - National Semiconductor (TI) LM34919 Datasheet HTML 5Page - National Semiconductor (TI) LM34919 Datasheet HTML 6Page - National Semiconductor (TI) LM34919 Datasheet HTML 7Page - National Semiconductor (TI) LM34919 Datasheet HTML 8Page - National Semiconductor (TI) LM34919 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
June 2, 2008
LM34919
Ultra Small 40V, 600 mA Constant On-Time Buck Switching
Regulator
General Description
The LM34919 Step Down Switching Regulator features all of
the functions needed to implement a low cost, efficient, buck
bias regulator capable of supplying 0.6A to the load. This buck
regulator contains an N-Channel Buck Switch, and is avail-
able in a micro SMD package. The constant on-time feedback
regulation scheme requires no loop compensation, results in
fast load transient response, and simplifies circuit implemen-
tation. The operating frequency remains constant with line
and load variations due to the inverse relationship between
the input voltage and the on-time. The valley current limit re-
sults in a smooth transition from constant voltage to constant
current mode when current limit is detected, reducing the fre-
quency and output voltage, without the use of foldback. Ad-
ditional features include: VCC under-voltage lockout, thermal
shutdown, gate drive under-voltage lockout, and maximum
duty cycle limiter.
Features
Integrated N-Channel buck switch
Integrated start-up regulator
Input Voltage Range: 8V to 40V
No loop compensation required
Ultra-Fast transient response
Operating frequency remains constant with load current
and input voltage
Maximum switching frequency: 2.0 MHz
Maximum Duty Cycle Limited During Start-Up
Adjustable output voltage
Valley Current Limit At 0.64A
Precision internal reference
Low bias current
Highly efficient operation
Thermal shutdown
Typical Applications
High Efficiency Point-Of-Load (POL) Regulator
Non-Isolated Telecommunication Buck Regulator
Secondary High Voltage Post Regulator
Package
micro SMD
Basic Step Down Regulator
30004431
© 2008 National Semiconductor Corporation
300044
www.national.com


유사한 부품 번호 - LM34919

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
   40V, 600 mA Step Down COT Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919B NSC-LM34919B Datasheet
647Kb / 12P
   Evaluation Board provides the design engineer with a fully functional
More results

유사한 설명 - LM34919

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com