전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC1823AJ 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 UC1823AJ
상세설명  HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC1823AJ 데이터시트(HTML) 3 Page - Texas Instruments

  UC1823AJ Datasheet HTML 1Page - Texas Instruments UC1823AJ Datasheet HTML 2Page - Texas Instruments UC1823AJ Datasheet HTML 3Page - Texas Instruments UC1823AJ Datasheet HTML 4Page - Texas Instruments UC1823AJ Datasheet HTML 5Page - Texas Instruments UC1823AJ Datasheet HTML 6Page - Texas Instruments UC1823AJ Datasheet HTML 7Page - Texas Instruments UC1823AJ Datasheet HTML 8Page - Texas Instruments UC1823AJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
UC1823A,UC2823A, UC2823B,
UC3823A,UC3823B,UC1825A,
UC2825A,UC2825B,UC3825A,UC3825B
SLUS334D − AUGUST 1995 − REVISED NOVEMBER 2008
www.ti.com
3
TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
J or DW
Q or L
I/O
DESCRIPTION
CLK/LEB
4
5
O
Output of the internal oscillator
CT
6
8
I
Timing capacitor connection pin for oscillator frequency programming. The timing capacitor should
be connected to the device ground using minimal trace length.
EAOUT
3
4
O
Output of the error amplifier for compensation
GND
10
13
Analog ground return pin
ILIM
9
12
I
Input to the current limit comparator
INV
1
2
I
Inverting input to the error amplifier
NI
2
3
I
Non-inverting input to the error amplifier
OUTA
11
14
O
High current totem pole output A of the on-chip drive stage.
OUTB
14
18
O
High current totem pole output B of the on-chip drive stage.
PGND
12
15
Ground return pin for the output driver stage
RAMP
7
9
I
Non-inverting input to the PWM comparator with 1.25-V internal input offset. In voltage mode
operation, this serves as the input voltage feed-forward function by using the CT ramp. In peak
current mode operation, this serves as the slope compensation input.
RT
5
7
I
Timing resistor connection pin for oscillator frequency programming
SS
8
10
I
Soft-start input pin which also doubles as the maximum duty cycle clamp.
VC
13
17
Power supply pin for the output stage. This pin should be bypassed with a 0.1-
µF monolithic ceramic
low ESL capacitor with minimal trace lengths.
VCC
15
19
Power supply pin for the device. This pin should be bypassed with a 0.1-
µF monolithic ceramic low
ESL capacitor with minimal trace lengths
VREF
16
20
O
5.1-V reference. For stability, the reference should be bypassed with a 0.1-
µF monolithic ceramic
low ESL capacitor and minimal trace length to the ground plane.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
VIN
Supply voltage,
VC, VCC
22 V
IO
Source or sink current, DC
OUTA, OUTB
0.5 A
IO
Source or sink current, pulse (0.5
µs)
OUTA, OUTB
2.2 A
Analog inputs
INV, NI, RAMP
−0.3 V to 7 V
Analog inputs
ILIM, SS
−0.3 V to 6 V
Power ground
PGND
±0.2 V
Outputs
OUTA, OUTB limits
PGND −0.3 V to VC +0.3 V
ICLK
Clock output current
CLK/LEB
−5 mA
IO(EA)
Error amplifier output current
EAOUT
5 mA
ISS
Soft-start sink current
SS
20 mA
IOSC
Oscillator charging current
RT
−5 mA
TJ
Operating virtual junction temperature range
−55
°C to 150°C
Tstg
Storage temperature
−65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
−55C
°C to 150°C
tSTG
Storage temperature
−65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from cases for 10 seconds
300
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


유사한 부품 번호 - UC1823AJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1823AJ TI-UC1823AJ Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1823AJ TI1-UC1823AJ Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC1823AJ883B TI-UC1823AJ883B Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1823AJ883B TI1-UC1823AJ883B Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

유사한 설명 - UC1823AJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com