전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLFP-0147-12D5 데이터시트(PDF) 2 Page - Schurter Inc.

부품명 DLFP-0147-12D5
상세설명  Linear/Saturating Choke
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLFP-0147-12D5 데이터시트(HTML) 2 Page - Schurter Inc.

  DLFP-0147-12D5 Datasheet HTML 1Page - Schurter Inc. DLFP-0147-12D5 Datasheet HTML 2Page - Schurter Inc. DLFP-0147-12D5 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Suppression Chokes
DLFP
www.schurter.com/pg8_82
EMC Products
Case 32W
4.3
80
65
70.8
200
10...20
(0.8)
6.8
Diagrams
1)
2)
Interference suppression with resistive load, 2-phase
1) Line
2) Load
1)
2)
Interference suppression with resisitive load, 2-stage
DFSG: Radio interference suppression saturation choke
DFK: Radio interference suppression choke magnetically condensated
1) Line
2) Load
1)
2)
3)
Interference suppression with resistive load, < 10A, e.g. dimmers circuit (DFSG)
1) Line
2) Load
3) only to protection class I
1)
2)
Interference suppression with inductive load
1) Line
2) Load
Derating Curves
Allowed current versus ambient temperature


유사한 부품 번호 - DLFP-0147-12D5

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
DLFP-0147-12D5 SCHURTER-DLFP-0147-12D5 Datasheet
313Kb / 4P
   Linear/Saturating Choke
More results

유사한 설명 - DLFP-0147-12D5

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
DLFL SCHURTER-DLFL_17 Datasheet
252Kb / 3P
   Linear/Saturating Choke
DLFL SCHURTER-DLFL Datasheet
420Kb / 2P
   Linear/Saturating Choke
DLFL SCHURTER-DLFL_V01 Datasheet
264Kb / 3P
   Linear/Saturating Choke
DLFP SCHURTER-DLFP_V01 Datasheet
295Kb / 3P
   Linear/Saturating Choke
14.09.2021
DLFP SCHURTER-DLFP_17 Datasheet
313Kb / 4P
   Linear/Saturating Choke
DFSG SCHURTER-DFSG_17 Datasheet
379Kb / 4P
   Saturating Choke
DFSG SCHURTER-DFSG_V01 Datasheet
362Kb / 3P
   Saturating Choke
04.01.2022
DFSG SCHURTER-DFSG Datasheet
482Kb / 3P
   Saturating Choke
DFSG SCHURTER-DFSG_18 Datasheet
361Kb / 3P
   Saturating Choke
logo
Schaffner International...
RI-111-PC SCHAFFNER-RI-111-PC Datasheet
903Kb / 4P
   Saturating Chokes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com