전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z0109MNT1G 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 Z0109MNT1G
상세설명  Sensitive Gate Triac Series Silicon Bidirectional Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

Z0109MNT1G 데이터시트(HTML) 7 Page - ON Semiconductor

  Z0109MNT1G Datasheet HTML 1Page - ON Semiconductor Z0109MNT1G Datasheet HTML 2Page - ON Semiconductor Z0109MNT1G Datasheet HTML 3Page - ON Semiconductor Z0109MNT1G Datasheet HTML 4Page - ON Semiconductor Z0109MNT1G Datasheet HTML 5Page - ON Semiconductor Z0109MNT1G Datasheet HTML 6Page - ON Semiconductor Z0109MNT1G Datasheet HTML 7Page - ON Semiconductor Z0109MNT1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Z0103MN, Z0107MN, Z0109MN
http://onsemi.com
7
60
20
RG, GATE - MAIN TERMINAL 1 RESISTANCE (OHMS)
Figure 13. Exponential Static dv/dt versus
Gate − Main Terminal 1 Resistance
10
10,000
Figure 14. Typical Gate Trigger Current Variation
TJ, JUNCTION TEMPERATURE (°C)
0.1
10
0
-40
20
100
1.0
1.1
0.3
TJ, JUNCTION TEMPERATURE (°C)
-40
600 Vpk
TJ = 110°C
IGT4
IGT1
50
40
30
1000
100
IGT3
IGT2
-20
40
60
80
0
20
100
-20
40
60
80
VGT2
VGT1
VGT3
VGT4
MAIN TERMINAL #2
POSITIVE
MAIN TERMINAL #1
POSITIVE
6.0
0
TJ, JUNCTION TEMPERATURE (°C)
Figure 15. Typical Holding Current Variation
-40
5.0
4.0
3.0
2.0
1.0
0
20
100
-20
40
60
80
MAIN TERMINAL #2
POSITIVE
MAIN TERMINAL #1
POSITIVE
Figure 16. Gate Trigger Voltage Variation


유사한 부품 번호 - Z0109MNT1G

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
Z0109MN PHILIPS-Z0109MN Datasheet
267Kb / 12P
   Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0109MN STMICROELECTRONICS-Z0109MN Datasheet
74Kb / 8P
   1A TRIACS
Z0109MN STMICROELECTRONICS-Z0109MN Datasheet
96Kb / 9P
   1 A Triacs
logo
NXP Semiconductors
Z0109MN NXP-Z0109MN Datasheet
185Kb / 12P
   Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0109MN NXP-Z0109MN Datasheet
837Kb / 15P
   Logic level four-quadrant triac
Rev. 05-22 March 2011
More results

유사한 설명 - Z0109MNT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
Z0103MA ONSEMI-Z0103MA Datasheet
195Kb / 10P
   Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC15S ONSEMI-MAC15S Datasheet
140Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com