전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC1408D650HN 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 DAC1408D650HN
상세설명  Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1408D650HN 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button DAC1408D650HN Datasheet HTML 4Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 5Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 6Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 7Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 8Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 9Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 10Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 11Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
DAC1408D650
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 — 11 August 2010
8 of 98
NXP Semiconductors
DAC1408D650
DAC1408D; up to 650 Msps; 2
×, 4× or 8× interpolating with JESD204A
VIH
HIGH-level input
voltage
C1.26
-
VDDD
V
IIL
LOW-level input
current
VIL =0.54V
I
-
1
-
μA
IIH
HIGH-level input
current
VIH =1.26V
I
-
1
-
μA
Digital outputs (SDO, SDIO)
VOL
LOW-level output
voltage
C<tbd>
-
<tbd>
V
VOH
HIGH-level output
voltage
C<tbd>
-
<tbd>
V
Digital inputs (Vin_p/Vin_n)[4]
VI(cm)
common-mode input
voltage
D
0.68
0.78
1.40
V
VI(dif)(p-p)
peak-to-peak
differential input
voltage
D
175
-
1000
mV
Ztt
Vtt source impedance
D
-
0.7
-
Ω
ΔZ
i
differential input
impedance
D
-
100
-
Ω
Digital outputs (SYNC_OUTN/SYNC_OUTP)[5]
Vo(cm)
common-mode output
voltage
C
0.79
0.98
1.46
V
Vo(dif)(p-p)
peak-to-peak
differential output
voltage
C
0.12
0.48
0.96
V
Digital inputs/outputs (MDS_N/MDS_P)
Vo(dif)(p-p)
peak-to-peak
differential output
voltage
D
-
600
-
mV
Co(L)
output load
capacitance
between pins GND and
MDS_N or MDS_P
D-
-
10
pF
Ci
input capacitance
between pins GND and
MDS_N or MDS_P
D
-
0.3
-
pF
Analog outputs (IOUTAP, IOUTAN, IOUTBP, IOUTBN)
IO(fs)
full-scale output
current
register value = 00h
D
-
1.6
-
mA
register = default value
-
20
-
mA
VO
output voltage
compliance range
D
1.8
-
VDDA(3V3) V
Ro
output resistance
D
-
250
-
k
Ω
Co
output capacitance
D
-
3
-
pF
ΔE
O
offset error variation
C
-
6
-
ppm/
°C
ΔE
G
gain error variation
C
-
18
-
ppm/
°C
Table 5.
Characteristics …continued
VDDA(1V8) =VDDD = 1.7 V to 1.9 V; VDDA(3V3) = 3.0 V to 3.6 V; AGND and GND are shorted together; Tamb = 40 °C to +85 °C;
typical values measured at VDDA(1V8) =VDDD =1.8 V; VDDA(3V3) =3.3 V; Tamb =+25 °C; RL =50 Ω; IO(fs) = 20 mA; maximum
sample rate; PLL off unless otherwise specified.
Symbol
Parameter
Conditions
Test[1]
Min
Typ
Max
Unit


유사한 부품 번호 - DAC1408D650HN

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
DAC1408D650HN NXP-DAC1408D650HN Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Rev. 4-26 November 2010
logo
Integrated Device Techn...
DAC1408D650HN IDT-DAC1408D650HN Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1408D650HN RENESAS-DAC1408D650HN Datasheet
693Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results

유사한 설명 - DAC1408D650HN

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
DAC1405D650 IDT-DAC1405D650 Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1011 NXP-DAC1408D650_1011 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Rev. 4-26 November 2010
logo
Integrated Device Techn...
DAC1408D650 IDT-DAC1408D650 Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1408D650 RENESAS-DAC1408D650 Datasheet
693Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
Integrated Device Techn...
DAC1208D650 IDT-DAC1208D650 Datasheet
629Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1208D650 RENESAS-DAC1208D650 Datasheet
633Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1408D750 RENESAS-DAC1408D750 Datasheet
633Kb / 96P
   Dual 14-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com