전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC1408D650 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 DAC1408D650
상세설명  Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1408D650 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button DAC1408D650 Datasheet HTML 6Page - NXP Semiconductors DAC1408D650 Datasheet HTML 7Page - NXP Semiconductors DAC1408D650 Datasheet HTML 8Page - NXP Semiconductors DAC1408D650 Datasheet HTML 9Page - NXP Semiconductors DAC1408D650 Datasheet HTML 10Page - NXP Semiconductors DAC1408D650 Datasheet HTML 11Page - NXP Semiconductors DAC1408D650 Datasheet HTML 12Page - NXP Semiconductors DAC1408D650 Datasheet HTML 13Page - NXP Semiconductors DAC1408D650 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
DAC1408D650
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 — 11 August 2010
10 of 98
NXP Semiconductors
DAC1408D650
DAC1408D; up to 650 Msps; 2
×, 4× or 8× interpolating with JESD204A
[1]
D = guaranteed by design; C = guaranteed by characterization; I = 100 % industrially tested.
[2]
CLKINP/CLKINN inputs are at differential LVDS levels. An external termination resistor with a value of between 80
Ω and 120 Ω (see
Figure 16) should be connected across the pins.
[3]
|V
gpd| represents the ground potential difference voltage. This is the voltage that results from current flowing through the finite resistance
and the inductance between the receiver and the driver circuit ground voltage.
[4]
Vin_p and Vin_n inputs are differential CML inputs. There are terminated internally to Vtt via 50 Ω (see Figure 4).
[5]
SYNC_OUTP/SYNC_OUTN outputs are differential LVDS outputs. They must be terminated by a resistor with a value of between 80
Ω
and 120
Ω.
[6]
IMD3 rejection with
−6 dBFs/tone.
SFDRRBW
restricted bandwidth
spurious-free dynamic
range
fs =640 Msps;
4
× interpolation;
fo = 133 MHz at −1 dBFS;
BW = 100 MHz
I-
80
-
dBc
fs =640 Msps;
4
× interpolation;
fo = 133 MHz at −1 dBFS;
BW = 20 Mhz
C-
84
-
dBc
IMD3
third-order
intermodulation
distortion
fo1 =95MHz; fo2 =97MHz;
fs =640 Msps;
4
× interpolation
C
[6] -79
dBc
fo1 = 153.1 MHz;
fo2 = 154.1 MHz;
fs =640 Msps;
4
× interpolation
I
[6] -76
-
dBc
fo1 = 137 MHz;
fo2 = 143 MHz;
fs =640 Msps;
4
× interpolation
C
[6] -76
-
dBc
ACPR
adjacent channel
power ratio
NCO on;
4× interpolation; f
s = 640 Msps; fo =96 MHz
1 carrier; BW = 5 MHz
C
-
72
-
dB
2 carriers; BW = 10 MHz
C
-
72
-
dB
4 carriers; BW = 20 MHz
C
-
69
-
dB
NCO on; 4
× interpolation; f
s =640 Msps; fo = 133MHz
1 carrier; BW = 5 MHz
C
-
71
-
dB
2 carriers; BW = 10 MHz
C
-
71
-
dB
4 carriers; BW = 20 MHz
C
-
68
-
dB
NSD
noise spectral density
fs =640 Msps;
4
× interpolation;
fo = 133 MHz at 0 dBFS
I-
−155
-
dBc/Hz
Table 5.
Characteristics …continued
VDDA(1V8) =VDDD = 1.7 V to 1.9 V; VDDA(3V3) = 3.0 V to 3.6 V; AGND and GND are shorted together; Tamb = 40 °C to +85 °C;
typical values measured at VDDA(1V8) =VDDD =1.8 V; VDDA(3V3) =3.3 V; Tamb =+25 °C; RL =50 Ω; IO(fs) = 20 mA; maximum
sample rate; PLL off unless otherwise specified.
Symbol
Parameter
Conditions
Test[1]
Min
Typ
Max
Unit


유사한 부품 번호 - DAC1408D650

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
DAC1408D650 NXP-DAC1408D650 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Rev. 4-26 November 2010
DAC1408D650 NXP-DAC1408D650 Datasheet
360Kb / 88P
   Dual 14-bit DAC, up to 650 Msps, 2쨈 and 4쨈 interpolating with JESD204A interface
Rev. 01-26 May 2009
logo
Integrated Device Techn...
DAC1408D650 IDT-DAC1408D650 Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1408D650 RENESAS-DAC1408D650 Datasheet
693Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1408D650HN NXP-DAC1408D650HN Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Rev. 4-26 November 2010
More results

유사한 설명 - DAC1408D650

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
DAC1405D650 IDT-DAC1405D650 Datasheet
409Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2?? 4??and 8??interpolating
logo
Renesas Technology Corp
DAC1405D650 RENESAS-DAC1405D650 Datasheet
413Kb / 41P
   Dual 14-bit DAC, up to 650 Msps; 2, 4 and 8 interpolating
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1011 NXP-DAC1408D650_1011 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Rev. 4-26 November 2010
logo
Integrated Device Techn...
DAC1408D650 IDT-DAC1408D650 Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1408D650 RENESAS-DAC1408D650 Datasheet
693Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1005D650 RENESAS-DAC1005D650 Datasheet
412Kb / 41P
   Dual 10-bit DAC, up to 650 Msps; 2 4 and 8 interpolating
2 July 2012
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
Integrated Device Techn...
DAC1208D650 IDT-DAC1208D650 Datasheet
629Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1208D650 RENESAS-DAC1208D650 Datasheet
633Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1408D750 RENESAS-DAC1408D750 Datasheet
633Kb / 96P
   Dual 14-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com