전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA18250HN 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 TDA18250HN
상세설명  Cable Silicon Tuner
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18250HN 데이터시트(HTML) 3 Page - NXP Semiconductors

  TDA18250HN Datasheet HTML 1Page - NXP Semiconductors TDA18250HN Datasheet HTML 2Page - NXP Semiconductors TDA18250HN Datasheet HTML 3Page - NXP Semiconductors TDA18250HN Datasheet HTML 4Page - NXP Semiconductors TDA18250HN Datasheet HTML 5Page - NXP Semiconductors TDA18250HN Datasheet HTML 6Page - NXP Semiconductors TDA18250HN Datasheet HTML 7Page - NXP Semiconductors TDA18250HN Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TDA18250HN_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 1 — 12 August 2010
3 of 8
NXP Semiconductors
TDA18250HN
Cable Silicon Tuner
5.
Block diagram
6.
Limiting values
[1]
It withstands class IV of JEDEC standard.
7.
Abbreviations
Fig 1.
Block diagram
001aam176
TDA18250HN
3
46
AGC1
AGC2
IF
SELECTIVITY
RF
SELECTIVITY
IF
AGC
22
AS
RF_IN
LT
IFO_P
IFO_N
VIFAGC
31
30
XTO_P
XTO_N
19
20
32
LEVEL
CONTROL
I2C-BUS
INTERFACE
mixer
35
SCL
36
SDA
CRYSTAL
OSCILLATOR
16
XTAL_P
17
XTAL_N
SYNTHESIZER
14
VTLO
15
CPLO
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.3
+3.60
V
VI
input voltage
VCC < 3.3 V
−0.3
VCC + 0.3 V
VCC > 3.3 V
−0.3
+3.6
V
Tstg
storage temperature
−40
+150
°C
Tj
junction temperature
-
115
°C
VESD
electrostatic discharge
voltage
EIA/JESD22-A114 (HBM)
2
-
kV
EIA/JESD22-C101-C (FCDM)
[1] 1.5
-
kV
Table 4.
Abbreviations
Acronym
Description
AGC
Automatic Gain Control
BOM
Bill Of Materials
FCDM
Field Charge Device Model
HBM
Human Body Model
IC
Integrated Circuit
IF
Intermediate Frequency


유사한 부품 번호 - TDA18250HN

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA18250HN NXP-TDA18250HN Datasheet
78Kb / 8P
   Cable Silicon Tuner Single 3.3 V power supply
Rev. 2-14 January 2011
TDA18250HN NXP-TDA18250HN Datasheet
139Kb / 8P
   Cable Silicon Tuner
Rev.6-22 December 2011
TDA18250HN/C1 NXP-TDA18250HN/C1 Datasheet
139Kb / 8P
   Cable Silicon Tuner
Rev.6-22 December 2011
TDA18250HN NXP-TDA18250HN_11 Datasheet
78Kb / 8P
   Cable Silicon Tuner Single 3.3 V power supply
Rev. 2-14 January 2011
TDA18250HN NXP-TDA18250HN_V01 Datasheet
139Kb / 8P
   Cable Silicon Tuner
Rev.6-22 December 2011
More results

유사한 설명 - TDA18250HN

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA18250AHN NXP-TDA18250AHN Datasheet
130Kb / 8P
   Cable silicon tuner
Rev. 1 ??10 July 2013
TDA18252HN NXP-TDA18252HN Datasheet
170Kb / 6P
   Cable Silicon Tuner
Rev. 3-16 August 2010
TDA18250HN NXP-TDA18250HN_V01 Datasheet
139Kb / 8P
   Cable Silicon Tuner
Rev.6-22 December 2011
TDA18250BHN NXP-TDA18250BHN Datasheet
121Kb / 8P
   Cable silicon tuner
Rev. 2 ??10 July 2013
TDA18260HN NXP-TDA18260HN_V01 Datasheet
71Kb / 8P
   Dual cable silicon tuner
Rev. 5-4 July 2012
TDA18260HN NXP-TDA18260HN Datasheet
82Kb / 8P
   Dual cable Silicon Tuner Low power consumption
Rev. 2-14 December 2010
TDA18254AHN NXP-TDA18254AHN Datasheet
140Kb / 8P
   Cable Silicon Tuner Integrated wideband gain control
Rev. 4-10 May 2011
TDA18250HN NXP-TDA18250HN_11 Datasheet
78Kb / 8P
   Cable Silicon Tuner Single 3.3 V power supply
Rev. 2-14 January 2011
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com