전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA18250C1 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TDA18250C1
상세설명  Cable Silicon Tuner
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18250C1 데이터시트(HTML) 2 Page - NXP Semiconductors

  TDA18250C1 Datasheet HTML 1Page - NXP Semiconductors TDA18250C1 Datasheet HTML 2Page - NXP Semiconductors TDA18250C1 Datasheet HTML 3Page - NXP Semiconductors TDA18250C1 Datasheet HTML 4Page - NXP Semiconductors TDA18250C1 Datasheet HTML 5Page - NXP Semiconductors TDA18250C1 Datasheet HTML 6Page - NXP Semiconductors TDA18250C1 Datasheet HTML 7Page - NXP Semiconductors TDA18250C1 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TDA18250HN_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective data sheet
Rev. 1 — 12 August 2010
2 of 8
NXP Semiconductors
TDA18250HN
Cable Silicon Tuner
Received Signal Strength Indicator (RSSI) data access
Die temperature sensor data access
Lead-free (Pb) manufacturing
3.
Quick reference data
4.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRF
RF frequency
edge
42
-
862
MHz
Pi(max)
maximum input
power
-106
-
dB
μV
NFtun
tuner noise figure
maximum gain
-
5.5
-
dB
ϕ
n
phase noise
worst case in the RF
frequency range
10 kHz
-
−85
-
dBc/Hz
100 kHz
-
−105
-
dBc/Hz
P
power dissipation
-
0.91
-
W
α
image
image rejection
52
62
-
dB
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA18250HN/C1
HVQFN48 plastic thermal enhanced very thin quad flat package;
no leads; 48 terminals; body 7
× 7 × 0.85 mm
SOT619-1


유사한 부품 번호 - TDA18250C1

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA18250AHN NXP-TDA18250AHN Datasheet
130Kb / 8P
   Cable silicon tuner
Rev. 1 ??10 July 2013
TDA18250AHN/C1 NXP-TDA18250AHN/C1 Datasheet
130Kb / 8P
   Cable silicon tuner
Rev. 1 ??10 July 2013
TDA18250BHN NXP-TDA18250BHN Datasheet
121Kb / 8P
   Cable silicon tuner
Rev. 2 ??10 July 2013
TDA18250BHN/C1 NXP-TDA18250BHN/C1 Datasheet
121Kb / 8P
   Cable silicon tuner
Rev. 2 ??10 July 2013
TDA18250HN NXP-TDA18250HN Datasheet
78Kb / 8P
   Cable Silicon Tuner Single 3.3 V power supply
Rev. 2-14 January 2011
More results

유사한 설명 - TDA18250C1

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA18250AHN NXP-TDA18250AHN Datasheet
130Kb / 8P
   Cable silicon tuner
Rev. 1 ??10 July 2013
TDA18252HN NXP-TDA18252HN Datasheet
170Kb / 6P
   Cable Silicon Tuner
Rev. 3-16 August 2010
TDA18250HN NXP-TDA18250HN_V01 Datasheet
139Kb / 8P
   Cable Silicon Tuner
Rev.6-22 December 2011
TDA18250BHN NXP-TDA18250BHN Datasheet
121Kb / 8P
   Cable silicon tuner
Rev. 2 ??10 July 2013
TDA18260HN NXP-TDA18260HN_V01 Datasheet
71Kb / 8P
   Dual cable silicon tuner
Rev. 5-4 July 2012
TDA18260HN NXP-TDA18260HN Datasheet
82Kb / 8P
   Dual cable Silicon Tuner Low power consumption
Rev. 2-14 December 2010
TDA18254AHN NXP-TDA18254AHN Datasheet
140Kb / 8P
   Cable Silicon Tuner Integrated wideband gain control
Rev. 4-10 May 2011
TDA18250HN NXP-TDA18250HN_11 Datasheet
78Kb / 8P
   Cable Silicon Tuner Single 3.3 V power supply
Rev. 2-14 January 2011
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com