전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPP-02 데이터시트(PDF) 1 Page - Schurter Inc.

부품명 FPP-02
상세설명  AC Filter for PCB Mounting in Flat Housing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FPP-02 데이터시트(HTML) 1 Page - Schurter Inc.

  FPP-02 Datasheet HTML 1Page - Schurter Inc. FPP-02 Datasheet HTML 2Page - Schurter Inc. FPP-02 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

-Phase Line Filters
FPP-02
www.schurter.com/pg06_
EMC Products
AC Filter for PCB Mounting in Flat Housing
Standard- or Medical-Filter
Description
-Chassis:
PCBMounting,fromtop
-Linefilterinstandardandmedicalversion,1-stage,standardattenua-
tion
-ForPCBmounting
-Excellentprice/perfomanceratio
Approvals
-VDELicenseNumber:40004673
-ULLicenseNumber:E72928
Characteristics
-Cost-savingplastichousing
Designedforstandardapplications
-Protectionagainstinterferencevoltagefromthemains
Possibleinterferencesgeneratedintheequipmentarestronglyattenu-
ated
-Forstandardapplications
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Versionwithwireconnection
-MedicalversionM80
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
0.5-6,5A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
0.5-6,5A@Ta40°C/125VAC;60Hz
LeakageCurrent
standard<0.25mA(250V/60Hz)
medical<5µA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto85°C
ClimaticCategory
25/085/21acc.toIEC60068-1
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
ForPCBmounting,tin-plated
Material:Housing
Thermoplastic,black,UL94V-0
LineFilter
StandardandMedicalVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>200'000hacc.toMIL-HB-217F


유사한 부품 번호 - FPP-02

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
FPP-02 SCHURTER-FPP-02 Datasheet
494Kb / 5P
   AC Filter for PCB Mounting in Flat Housing
FPP-02 SCHURTER-FPP-02_V01 Datasheet
494Kb / 5P
   AC Filter for PCB Mounting in Flat Housing
More results

유사한 설명 - FPP-02

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
FPP-02 SCHURTER-FPP-02_V01 Datasheet
494Kb / 5P
   AC Filter for PCB Mounting in Flat Housing
FMAB-72 SCHURTER-FMAB-72_V01 Datasheet
552Kb / 4P
   AC Filter for PCB Mounting in Flat Aluminum Housing
15.09.2021
FMAB-72 SCHURTER-FMAB-72 Datasheet
492Kb / 3P
   AC Filter for PCB Mounting in Flat Aluminum Housing
5500 SCHURTER-5500 Datasheet
664Kb / 3P
   AC Filter for PCB Mounting
5500 SCHURTER-5500_V01 Datasheet
566Kb / 5P
   AC Filter for PCB Mounting
FPP-01 SCHURTER-FPP-01_V01 Datasheet
531Kb / 5P
   AC Filter for PCB Mounting Cost Optimized
FPP-01 SCHURTER-FPP-01 Datasheet
573Kb / 4P
   AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
logo
PREMO CORPORATION S.L
FAM_FILE00000052 PREMO-FAM_FILE00000052 Datasheet
122Kb / 1P
   Plastic case filter for PCB mounting
logo
List of Unclassifed Man...
FN405-3-02 ETC2-FN405-3-02 Datasheet
202Kb / 3P
   PCB-mounting filter
logo
Schaffner International...
FN-405 SCHAFFNER-FN-405 Datasheet
1Mb / 3P
   PCB-mounting filter
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com