전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSF1.2201.01 데이터시트(PDF) 3 Page - Schurter Inc.

부품명 GSF1.2201.01
상세설명  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GSF1.2201.01 데이터시트(HTML) 3 Page - Schurter Inc.

  GSF1.2201.01 Datasheet HTML 1Page - Schurter Inc. GSF1.2201.01 Datasheet HTML 2Page - Schurter Inc. GSF1.2201.01 Datasheet HTML 3Page - Schurter Inc. GSF1.2201.01 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Power entry modules without line filter
GSF
www.schurter.com/pg05
Connectors
Mounting side
Panel mounting
Panel Thickness
s [mm]
Fuseholder
Ground terminal 4.8
x 0.8 mm
Ground terminal direction
Packaging
Order Number
Sandwich
Screw
3
1-pole
l
straight
-
GSF1.1001.61
Sandwich
Screw
1.5
2-pole
l
angled to pin axis
-
GSF1.2002.31
Sandwich
Screw
1.5
2-pole
l
straight
-
GSF1.2001.31
Sandwich
Screw
2
2-pole
l
angled to pin axis
-
GSF1.2002.41
Sandwich
Screw
2
2-pole
l
straight
-
GSF1.2001.41
Sandwich
Screw
2.5
2-pole
l
angled to pin axis
-
GSF1.2002.51
Sandwich
Screw
2.5
2-pole
l
straight
-
GSF1.2001.51
Sandwich
Screw
3
2-pole
l
angled to pin axis
-
GSF1.2002.61
Sandwich
Screw
3
2-pole
l
straight
-
GSF1.2001.61
Sandwich
Snap-in
1.5
-
l
angled to pin axis
-
GSF1.0202.31
Sandwich
Snap-in
1.5
-
l
straight
-
GSF1.0201.31
Sandwich
Snap-in
2
-
l
angled to pin axis
-
GSF1.0202.41
Sandwich
Snap-in
2
-
l
straight
-
GSF1.0201.41
Sandwich
Snap-in
2.5
-
l
angled to pin axis
-
GSF1.0202.51
Sandwich
Snap-in
2.5
-
l
straight
-
GSF1.0201.51
Sandwich
Snap-in
3
-
l
angled to pin axis
-
GSF1.0202.61
Sandwich
Snap-in
3
-
l
straight
-
GSF1.0201.61
Sandwich
Snap-in
1.5
1-pole
l
angled to pin axis
-
GSF1.1202.31
Sandwich
Snap-in
1.5
1-pole
l
straight
-
GSF1.1201.31
Sandwich
Snap-in
2
1-pole
l
angled to pin axis
-
GSF1.1202.41
Sandwich
Snap-in
2
1-pole
l
straight
-
GSF1.1201.41
Sandwich
Snap-in
2.5
1-pole
l
angled to pin axis
-
GSF1.1202.51
Sandwich
Snap-in
2.5
1-pole
l
straight
-
GSF1.1201.51
Sandwich
Snap-in
3
1-pole
l
angled to pin axis
-
GSF1.1202.61
Sandwich
Snap-in
3
1-pole
l
straight
-
GSF1.1201.61
Sandwich
Snap-in
1.5
2-pole
l
angled to pin axis
-
GSF1.2202.31
Sandwich
Snap-in
1.5
2-pole
l
straight
-
GSF1.2201.31
Sandwich
Snap-in
2
2-pole
l
angled to pin axis
-
GSF1.2202.41
Sandwich
Snap-in
2
2-pole
l
straight
-
GSF1.2201.41
Sandwich
Snap-in
2.5
2-pole
l
angled to pin axis
-
GSF1.2202.51
Sandwich
Snap-in
2.5
2-pole
l
straight
-
GSF1.2201.51
Sandwich
Snap-in
3
2-pole
l
angled to pin axis
-
GSF1.2202.61
Sandwich
Snap-in
3
2-pole
l
straight
-
GSF1.2201.61
Rear-Side
Screw
6
-
l
angled to pin axis
-
GSF1.0002.01
Rear-Side
Screw
6
-
l
straight
-
GSF1.0001.01
Rear-Side
Screw
6
1-pole
l
angled to pin axis
-
GSF1.1002.01
Rear-Side
Screw
6
1-pole
l
straight
-
GSF1.1001.01
Rear-Side
Screw
6
2-pole
l
angled to pin axis
-
GSF1.2002.01
Rear-Side
Screw
6
2-pole
l
straight
-
GSF1.2001.01
Rear-Side
Snap-in
6
-
l
angled to pin axis
-
GSF1.0202.01
Rear-Side
Snap-in
6
-
l
straight
-
GSF1.0201.01
Rear-Side
Snap-in
6
1-pole
l
angled to pin axis
-
GSF1.1202.01
Rear-Side
Snap-in
6
1-pole
l
straight
-
GSF1.1201.01
Rear-Side
Snap-in
6
2-pole
l
angled to pin axis
-
GSF1.2202.01
Rear-Side
Snap-in
6
2-pole
l
straight
-
GSF1.2201.01
Rear-Side
Metal snaps
6
-
l
angled to pin axis
Blister tray
GSF1.3402.01
Rear-Side
Metal snaps
6
1-pole
l
angled to pin axis
Blister tray
GSF1.4402.01
Rear-Side
Metal snaps
6
2-pole
l
angled to pin axis
Blister tray
GSF1.5402.01
Insulationcovermustbeorderedseparately.OrderNo.0098.0078
Packaging unit
50Pcs


유사한 부품 번호 - GSF1.2201.01

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
GSF1.2201.01 SCHURTER-GSF1.2201.01 Datasheet
436Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
More results

유사한 설명 - GSF1.2201.01

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
GSF2 SCHURTER-GSF2 Datasheet
426Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA Datasheet
576Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF1 SCHURTER-GSF1_18 Datasheet
438Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
KEA SCHURTER-KEA_V01 Datasheet
757Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
1092 SCHURTER-1092 Datasheet
697Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062_1809 SCHURTER-1062_1809 Datasheet
385Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062 SCHURTER-1062_21 Datasheet
421Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
GSF2 SCHURTER-GSF2_17 Datasheet
395Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
1062 SCHURTER-1062_V01 Datasheet
421Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
GSF1 SCHURTER-GSF1_V01 Datasheet
436Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
08.12.2021
KEA SCHURTER-KEA_17 Datasheet
719Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com