전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13155 데이터시트(PDF) 4 Page - Motorola, Inc

부품명 MC13155
상세설명  Wideband FM IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13155 데이터시트(HTML) 4 Page - Motorola, Inc

  MC13155 Datasheet HTML 1Page - Motorola, Inc MC13155 Datasheet HTML 2Page - Motorola, Inc MC13155 Datasheet HTML 3Page - Motorola, Inc MC13155 Datasheet HTML 4Page - Motorola, Inc MC13155 Datasheet HTML 5Page - Motorola, Inc MC13155 Datasheet HTML 6Page - Motorola, Inc MC13155 Datasheet HTML 7Page - Motorola, Inc MC13155 Datasheet HTML 8Page - Motorola, Inc MC13155 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC13155
4
MOTOROLA ANALOG IC DEVICE DATA
– 5.0 Vdc
Vin, INPUT VOLTAGE (mVrms)
TA, AMBIENT TEMPERATURE (°C)
0.1
TA, AMBIENT TEMPERATURE (°C)
10
f, FREQUENCY (MHz)
–50
TA, AMBIENT TEMPERATURE (°C)
Figure 3. Drain Current versus Supply Voltage
Figure 4. RSSI Output versus Frequency and
Input Signal Level
Figure 5. Total Drain Current versus Ambient
Temperature and Supply Voltage
Figure 6. Detector Drain Current and Limiter
Drain Current versus Ambient Temperature
Figure 7. RSSI Output versus Ambient
Temperature and Supply Voltage
0.0
VEE, SUPPLY VOLTAGE (–Vdc)
Figure 8. RSSI Output versus Input Signal
Voltage (Vin at Temperature)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
100
1000
– 30
–10
10
30
50
70
90
110
1.0
10
100
1000
TA = 25°C
0 dBm
–10 dBm
– 20 dBm
– 30 dBm
– 40 dBm
I14
–50
– 30
–10
10
30
50
70
90
110
–50
– 30
–10
10
30
50
70
90
110
I11
ITotal = I14 + I11
I14
VEE = – 5.0Vdc
f = 70 MHz
VEE = – 5.0 Vdc
VEE = – 6.0 Vdc
– 3.0 Vdc
VEE = – 6.0 Vdc
VEE = – 5.0 Vdc
VEE = – 3.0 Vdc
TA = + 85°C
–40
°C
+25
°C
TYPICAL PERFORMANCE AT TEMPERATURE
(See Figure 2. Test Circuit)
100
5.5
9.0
10
8.0
6.0
4.0
2.0
0.0
100
80
60
40
20
0
5.0
5.0
4.5
4.0
3.5
3.0
2.0
80
60
40
20
0
25.0
24.5
24.0
23.5
23.0
22.5
22.0
21.5
8.5
8.0
7.5
7.0
6.5
6.0
5.5
2.5
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC13155

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
MC13155D LANSDALE-MC13155D Datasheet
1,018Kb / 16P
   Wideband FM IF
MC13155D LANSDALE-MC13155D Datasheet
355Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155D NXP-MC13155D Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
More results

유사한 설명 - MC13155

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
   Wideband FM IF System
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
   WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com