전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC13155D 데이터시트(PDF) 3 Page - Motorola, Inc

부품명 MC13155D
상세설명  Wideband FM IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13155D 데이터시트(HTML) 3 Page - Motorola, Inc

  MC13155D Datasheet HTML 1Page - Motorola, Inc MC13155D Datasheet HTML 2Page - Motorola, Inc MC13155D Datasheet HTML 3Page - Motorola, Inc MC13155D Datasheet HTML 4Page - Motorola, Inc MC13155D Datasheet HTML 5Page - Motorola, Inc MC13155D Datasheet HTML 6Page - Motorola, Inc MC13155D Datasheet HTML 7Page - Motorola, Inc MC13155D Datasheet HTML 8Page - Motorola, Inc MC13155D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC13155
3
MOTOROLA ANALOG IC DEVICE DATA
CIRCUIT DESCRIPTION
The MC13155 consists of a wideband three–stage limiting
amplifier, a wideband quadrature detector which may be
operated up to 200 MHz, and a received signal strength
indicator (RSSI) circuit which provides a current output
linearly proportional to the IF input signal level for
approximately 35 dB range of input level.
+
10
µ
Figure 2. Test Circuit
Limiter 2
Output
Limiter 1
Output
Video
Output
Vin
330
1.0n
49.9
1.0n
27
1.0k
100n
330
L1 – Coilcraft part number 146–09J08S
L1
260n
20p
499
VEE
VEE
VEE
+
10n
1.0n
1.0n
1.0n
1.0n
100n
1.0n
IN2
DEC2
VEE1
RSSI
Buffer
RSSI
VEE2
LIMO2
QUAD2
QUAD1
LIMO1
VCC2
DETO2
DETO1
VCC1
DEC1
IN1
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
10
µ
APPLICATIONS INFORMATION
Evaluation PC Board
The evaluation PCB shown in Figures 19 and 20 is very
versatile and is designed to cascade two ICs. The center
section of the board provides an area for attaching all surface
mount components to the circuit side and radial leaded
components to the component ground side of the PCB (see
Figures 17 and 18). Additionally, the peripheral area
surrounding the RF core provides pads to add supporting
and interface circuitry as a particular application dictates.
This evaluation board will be discussed and referenced in
this section.
Limiting Amplifier
Differential input and output ports interfacing the three
stage limiting amplifier provide a differential power gain of
typically 46 dB and useable frequency range of 300 MHz.
The IF gain flatness may be controlled by decoupling of the
internal feedback network at Pins 2 and 15.
Scattering parameter (S–parameter) characterization of
the IF as a two port linear amplifier is useful to implement
maximum stable power gain, input matching, and stability
over a desired bandpass response and to ensure stable
operation outside the bandpass as well. The MC13155 is
unconditionally stable over most of its useful operating
frequency range; however, it can be made unconditionally
stable over its entire operating range with the proper
decoupling of Pins 2 and 15. Relatively small decoupling
capacitors of about 100 pF have a significant effect on the
wideband response and stability. This is shown in the
scattering parameter tables where S–parameters are shown
for various values of C2 and C15 and at VEE of – 3.0 and
– 5.0 Vdc.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC13155D

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
MC13155D LANSDALE-MC13155D Datasheet
1,018Kb / 16P
   Wideband FM IF
MC13155D LANSDALE-MC13155D Datasheet
355Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155D NXP-MC13155D Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
More results

유사한 설명 - MC13155D

제조업체부품명데이터시트상세설명
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
   Wideband FM IF System
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
   WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com