전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ14202 데이터시트(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LMZ14202
상세설명  2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ14202 데이터시트(HTML) 9 Page - National Semiconductor (TI)

Back Button LMZ14202_1 Datasheet HTML 5Page - National Semiconductor (TI) LMZ14202_1 Datasheet HTML 6Page - National Semiconductor (TI) LMZ14202_1 Datasheet HTML 7Page - National Semiconductor (TI) LMZ14202_1 Datasheet HTML 8Page - National Semiconductor (TI) LMZ14202_1 Datasheet HTML 9Page - National Semiconductor (TI) LMZ14202_1 Datasheet HTML 10Page - National Semiconductor (TI) LMZ14202_1 Datasheet HTML 11Page - National Semiconductor (TI) LMZ14202_1 Datasheet HTML 12Page - National Semiconductor (TI) LMZ14202_1 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Line and Load Regulation @ 25°C
30114548
Line and Load Regulation @ 85°C
30114569
Output Ripple
24V
IN 3.3VO 2A, BW = 200 MHz
30114505
Transient Response
24V
IN 3.3VO 0.6A to 2A Step
30114506
Thermal Derating V
OUT = 3.3V
30114570
Current Limit 1.8V
OUT @ 25°C
30114565
9
www.national.com


유사한 부품 번호 - LMZ14202_1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14202 TI-LMZ14202_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
More results

유사한 설명 - LMZ14202_1

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_14 Datasheet
2Mb / 24P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_1 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI-LMZ14201_13 Datasheet
2Mb / 26P
[Old version datasheet]   LMZ14201 1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203 TI-LMZ14203_13 Datasheet
2Mb / 25P
[Old version datasheet]   LMZ14203 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12002 NSC-LMZ12002 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com