전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA45-ALKTFZ05 데이터시트(PDF) 7 Page - Schurter Inc.

부품명 TA45-ALKTFZ05
상세설명  CIRCUIT BREAKERS FOR EQUIPMENT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-ALKTFZ05 데이터시트(HTML) 7 Page - Schurter Inc.

Back Button TA45-ALKTFZ05 Datasheet HTML 3Page - Schurter Inc. TA45-ALKTFZ05 Datasheet HTML 4Page - Schurter Inc. TA45-ALKTFZ05 Datasheet HTML 5Page - Schurter Inc. TA45-ALKTFZ05 Datasheet HTML 6Page - Schurter Inc. TA45-ALKTFZ05 Datasheet HTML 7Page - Schurter Inc. TA45-ALKTFZ05 Datasheet HTML 8Page - Schurter Inc. TA45-ALKTFZ05 Datasheet HTML 9Page - Schurter Inc. TA45-ALKTFZ05 Datasheet HTML 10Page - Schurter Inc. TA45-ALKTFZ05 Datasheet HTML 11Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.schurter.com
76
CIRCUIT BREAKERS FOR EQUIPMENT, 2 POLE, PUSH BUTTON
GERÄTESCHUTZSCHALTER, 2POLIG, DRUCKTASTENBETÄTIGT
TA45
3
5
P1
3
5
P1
3
5
P1
AZZ05
Order code accessories 2 pole, push button actuated
Bestellcode Zubehör 2polig, drucktastenbetätigt
For subsequent fitting / Nachträglich montierbar
Order example
Bestellbeispiel
AZZ51
Rear cover 2 pole, IP40
Berührungsschutz rückseitig, 2polig, IP40
AZZ61
Flat gasket for snap-in type, 2 pole, IP54
Flachdichtung, 2polig, IP54
AZZ62
Flat gasket for snap-in type, 3 pole, IP54
Flachdichtung, 3polig, IP54
AZZ63
Flat gasket for screw-on type, 2 pole, IP54
Flachdichtung schraubbar, 2polig, IP54
AZZ05
Screw-on cover, 2 pole, IP65
Fronthaube schraubbar, 2polig, IP65
AZZ71
Locking device black, 2 pole, safety-lock type
Schliesskragen 2polig schwarz für Vorhängeschloss
AZZ72
Locking device yellow, 2 pole, safety-lock type
Schliesskragen 2polig gelb für Vorhängeschloss
AZZ73
Locking device grey, 2 pole, safety-lock type
Schliesskragen 2polig grau für Vorhängeschloss
AZZ81
Locking device black, 3 pole, safety-lock type
Schliesskragen 3polig schwarz für Vorhängeschloss
AZZ82
Locking device yellow, 3 pole, safety-lock type
Schliesskragen 3polig gelb für Vorhängeschloss
AZZ83
Locking device grey, 3 pole, safety-lock type
Schliesskragen 3polig grau für Vorhängeschloss
Available accessories / Einsatzmöglichkeiten
2 pole version with auxiliary contact
2polige Ausführung mit Hilfskontakt
2 pole version
2polige Ausführung
Snap-in type
Schnappbefestigung
Flange type
Flanschbefestigung
Snap-in type
Schnappbefestigung
Flange type
Flanschbefestigung
AZZ05
AZZ51
AZZ61
AZZ62
AZZ63
AZZ71
AZZ72
AZZ73
AZZ81
AZZ82
AZZ83


유사한 부품 번호 - TA45-ALKTFZ05

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
TA45-ABC6F100C0 SCHURTER-TA45-ABC6F100C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F110C0 SCHURTER-TA45-ABC6F110C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F120C0 SCHURTER-TA45-ABC6F120C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F130C0 SCHURTER-TA45-ABC6F130C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F140C0 SCHURTER-TA45-ABC6F140C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
More results

유사한 설명 - TA45-ALKTFZ05

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
TS-710 SCHURTER-TS-710 Datasheet
56Kb / 4P
   CIRCUIT BREAKERS FOR EQUIPMENT
TM12 SCHURTER-TM12 Datasheet
174Kb / 7P
   CIRCUIT BREAKERS FOR EQUIPMENT
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
NTE Electronics
R59 NTE-R59 Datasheet
494Kb / 1P
   Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
   Thermomagnetic circuit breakers
2010-08-18
logo
Cooper Bussmann, Inc.
UCB-20 COOPER-UCB-20 Datasheet
269Kb / 5P
   Automotive Circuit Breakers
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com