전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA45-AJSUFZ05 데이터시트(PDF) 5 Page - Schurter Inc.

부품명 TA45-AJSUFZ05
상세설명  CIRCUIT BREAKERS FOR EQUIPMENT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

TA45-AJSUFZ05 데이터시트(HTML) 5 Page - Schurter Inc.

  TA45-AJSUFZ05 Datasheet HTML 1Page - Schurter Inc. TA45-AJSUFZ05 Datasheet HTML 2Page - Schurter Inc. TA45-AJSUFZ05 Datasheet HTML 3Page - Schurter Inc. TA45-AJSUFZ05 Datasheet HTML 4Page - Schurter Inc. TA45-AJSUFZ05 Datasheet HTML 5Page - Schurter Inc. TA45-AJSUFZ05 Datasheet HTML 6Page - Schurter Inc. TA45-AJSUFZ05 Datasheet HTML 7Page - Schurter Inc. TA45-AJSUFZ05 Datasheet HTML 8Page - Schurter Inc. TA45-AJSUFZ05 Datasheet HTML 9Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.schurter.com
74
CIRCUIT BREAKERS FOR EQUIPMENT, 2 POLE, PUSH BUTTON
GERÄTESCHUTZSCHALTER, 2POLIG, DRUCKTASTENBETÄTIGT
TA45
Quick connect terminal / Flachstecker
Screw type terminal (lineside P1, P2)
Schraubanschluss (Netzeingang P1, P2)
Dimension / Massbild
Page / Seite
Push button gasket / Tastendichtung IP40
Push button gasket / Tastendichtung IP65
Dimension / Massbild
Page / Seite
Push button gasket / Tastendichtung IP40
Push button gasket / Tastendichtung IP65
ABL T
F J28 U2
Order example / Bestellbeispiel
Basic type / Grundtyp
F
embossed / Relief
H
printed / bedruckt
white / weiss
K
printed / bedruckt
black / schwarz
L
printed / bedruckt
white / weiss
M
printed / bedruckt
black / schwarz
P
printed / bedruckt
white / weiss
R
printed / bedruckt
black / schwarz
S
printed / bedruckt
white / weiss
T
printed / bedruckt
black / schwarz
Surface
Illustration
Colour of print
Oberfläche
Bild
Druckfarbe
Push button legend
Drucktasten-Beschriftung
Without thermal overload protection: code C00
Ohne thermischen Überstromschutz: Code C00
With thermal overload protection: rated current In (A)
Mit thermischem Überstromschutz: Nennstrom In (A)
In
Code
0,05
Z05
0,1
J01
0,2
J02
0,3
J03
0,4
J04
0,5
J05
0,6
J06
0,7
J07
0,8
J08
0,9
J09
1,0
J10
1,1
J11
In
Code
1,2
J12
1,3
J13
1,4
J14
1,5
J15
1,6
J16
1,7
J17
1,8
J18
1,9
J19
2,0
J20
2,1
J21
2,2
J22
2,3
J23
In
Code
2,5
J25
2,8
J28
3,0
030
3,5
035
4,0
040
4,5
045
5,0
050
6,0
060
6,5
065
7,0
070
7,5
075
8,0
080
In
Code
9,0
090
10,0
100
11,0
110
12,0
120
13,0
130
14,0
140
15,0
150
16,0
160
17,0
170
18,0
180
19,0
190
20,0
200
P2
P1
6
5
P2
P1 11 10
65
12
Basic type
Grundtyp
Without thermal overload protection
Kein thermischer Überstromschutz
Auxiliary contact (changeover) / Hilfskontakt (Wechsler)
Shunt terminal / Nebenanschluss
Terminal type
Anschlussart
Snap-in type
Schnappbefestigung
Flange type
Flanschbefestigung
77
78
86
ALK
ALS
87
APK
APS
83
AHK
AHS
84
AJK
AJS
AUK
AUS
AXK
AXS
ABK
ABS
AEK
AES
80
81
0
0
I
I
Order code 2 pole, push button actuated / Bestellcode 2polig, drucktastenbetätigt
Colours / Farben
Switch front
ON Button
OFF Button
Schalter-Front
Taste EIN
TASTE AUS
T
black / schwarz
green / grün
red / rot
U
yellow / gelb
green / grün
red / rot
V
grey / grau
green / grün
red / rot
other rated currents on request / andere Stromwerte auf Anfrage
TA45-


유사한 부품 번호 - TA45-AJSUFZ05

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
TA45-ABC6F100C0 SCHURTER-TA45-ABC6F100C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F110C0 SCHURTER-TA45-ABC6F110C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F120C0 SCHURTER-TA45-ABC6F120C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F130C0 SCHURTER-TA45-ABC6F130C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
TA45-ABC6F140C0 SCHURTER-TA45-ABC6F140C0 Datasheet
1Mb / 5P
   IEC Appliance Inlet C14 with Circuit Breaker TA45
More results

유사한 설명 - TA45-AJSUFZ05

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
TS-710 SCHURTER-TS-710 Datasheet
56Kb / 4P
   CIRCUIT BREAKERS FOR EQUIPMENT
TM12 SCHURTER-TM12 Datasheet
174Kb / 7P
   CIRCUIT BREAKERS FOR EQUIPMENT
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
NTE Electronics
R59 NTE-R59 Datasheet
494Kb / 1P
   Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
   Thermomagnetic circuit breakers
2010-08-18
logo
Cooper Bussmann, Inc.
UCB-20 COOPER-UCB-20 Datasheet
269Kb / 5P
   Automotive Circuit Breakers
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com