전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC162836ADGG 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 74ALVC162836ADGG
상세설명  20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC162836ADGG 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button 74ALVC162836ADGG Datasheet HTML 2Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 3Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 4Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 5Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 6Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 7Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 8Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 9Page - NXP Semiconductors 74ALVC162836ADGG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74ALVC162836A
20-bit registered driver with inverted register enable
and 30
Ω termination resistors (3-State)
2000 Jun 20
6
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = –40
°C to +85°C
UNIT
MIN
TYP1
MAX
V
HIGH level Input voltage
VCC = 2.3 to 2.7 V
1.7
1.2
V
VIH
HIGH level Input voltage
VCC = 2.7 to 3.6 V
2.0
1.5
V
V
LOW level Input voltage
VCC = 2.3 to 2.7 V
1.2
0.7
V
VIL
LOW level Input voltage
VCC = 2.7 to 3.6 V
1.5
0.8
V
VCC = 2.3 to 3.6 V; VI = VIH or VIL;
VCC 02
VCC
CC
I
IH
IL
IO = –100 µA
VCC*0.2
VCC
VCC = 2.3 V; VI = VIH or VIL; IO = –4 mA
VCC*0.4
VCC*0.11
VCC = 2.3 V; VI = VIH or VIL; IO = –6 mA
VCC*0.6
VCC*0.17
VOH
HIGH level output voltage
VCC = 2.7 V; VI = VIH or VIL; IO = –4 mA
VCC*0.5
VCC*0.09
V
VCC = 2.7 V; VI = VIH or VIL; IO = –8 mA
VCC*0.7
VCC*0.19
VCC = 3.0 V; VI = VIH or VIL; IO = –6 mA
VCC*0.6
VCC*0.13
VCC = 3.0 V; VI = VIH or VIL; IO = –12 mA
VCC*1.0
VCC*0.27
VCC = 2.3 to 3.6 V; VI = VIH or VIL;
GND
020
CC
I
IH
IL
IO = 100 µA
GND
0.20
VCC = 2.3 V; VI = VIH or VIL; IO = 4 mA
0.07
0.40
VCC = 2.3 V; VI = VIH or VIL; IO = 6 mA
0.11
0.55
VOL
LOW level output voltage
VCC = 2.7 V; VI = VIH or VIL; IO = 4 mA
0.06
0.40
V
VCC = 2.7 V; VI = VIH or VIL; IO = 8 mA
0.13
0.60
VCC = 3.0 V; VI = VIH or VIL; IO = 6 mA
0.09
0.55
VCC = 3.0 V; VI = VIH or VIL; IO = 12 mA
0.19
0.80
VCC =2 3to3 6V;
II
Input leakage current
VCC = 2.3 to 3.6 V;
V
V
or GND
0.1
5
µA
I
g
VI = VCC or GND
µ
IOZ
3-State output OFF-state current
VCC = 2.3 to 3.6 V; VI = VIH or VIL;
VO = VCC or GND
0.1
10
µA
ICC
Quiescent supply current
VCC = 2.3 to 3.6 V; VI = VCC or GND; IO = 0
0.2
40
µA
∆ICC
Additional quiescent supply current
VCC = 2.3 V to 3.6 V; VI = VCC – 0.6 V; IO = 0
150
750
µA
NOTE:
1. All typical values are at Tamb = 25°C.


유사한 부품 번호 - 74ALVC162836ADGG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVC162836ADGG PHILIPS-74ALVC162836ADGG Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC162836ADGG NEXPERIA-74ALVC162836ADGG Datasheet
204Kb / 15P
   20-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 6 April 2018
More results

유사한 설명 - 74ALVC162836ADGG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162834A_0006 PHILIPS-74ALVC162834A_0006 Datasheet
106Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162334A PHILIPS-74ALVC162334A Datasheet
115Kb / 10P
   16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74AVCM162836_2 PHILIPS-74AVCM162836_2_15 Datasheet
106Kb / 10P
   20-bit registered driver with inverted register enable and 15 W termination resistors (3-State)
2001 Apr 20
74AVCM162836 PHILIPS-74AVCM162836 Datasheet
99Kb / 10P
   20-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
2001 Apr 20
logo
Nexperia B.V. All right...
74ALVC162836A NEXPERIA-74ALVC162836A Datasheet
204Kb / 15P
   20-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ALVC16836A PHILIPS-74ALVC16836A Datasheet
122Kb / 12P
   20-bit registered driver with inverted register enable 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC16836A NEXPERIA-74ALVC16836A Datasheet
224Kb / 14P
   20-bit registered driver with inverted register enable; 3-state
Rev. 2 - 12 September 2018
logo
NXP Semiconductors
74AVC16836 PHILIPS-74AVC16836 Datasheet
90Kb / 10P
   20-bit registered driver with inverted register enable 3-State
1999 Jul 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com