전자부품 데이터시트 검색엔진 |
|
74AUP1G57GWAC 데이터시트(PDF) 2 Page - NXP Semiconductors |
|
74AUP1G57GWAC 데이터시트(HTML) 2 Page - NXP Semiconductors |
2 / 22 page 74AUP1G57 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 4 — 20 July 2010 2 of 22 NXP Semiconductors 74AUP1G57 Low-power configurable multiple function gate 3. Ordering information 4. Marking [1] The pin 1 indicator is located on the lower left corner of the device, below the marking code. 5. Functional diagram Table 1. Ordering information Type number Package Temperature range Name Description Version 74AUP1G57GW −40 °C to +125 °C SC-88 plastic surface-mounted package; 6 leads SOT363 74AUP1G57GM −40 °C to +125 °C XSON6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 × 1.45 × 0.5 mm SOT886 74AUP1G57GF −40 °C to +125 °C XSON6 plastic extremely thin small outline package; no leads; 6 terminals; body 1 × 1 × 0.5 mm SOT891 74AUP1G57GN −40 °C to +125 °C XSON6 extremely thin small outline package; no leads; 6 terminals; body 0.9 × 1.0 × 0.35 mm SOT1115 74AUP1G57GS −40 °C to +125 °C XSON6 extremely thin small outline package; no leads; 6 terminals; body 1.0 × 1.0 × 0.35 mm SOT1202 Table 2. Marking Type number Marking code[1] 74AUP1G57GW aC 74AUP1G57GM aC 74AUP1G57GF aC 74AUP1G57GN aC 74AUP1G57GS aC Fig 1. Logic symbol Y C B A 6 1 3 4 001aab583 |
유사한 부품 번호 - 74AUP1G57GWAC |
|
유사한 설명 - 74AUP1G57GWAC |